Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-8737 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 408-8737
Description  The die assembly consists of an indenter die and nest die. Each die is held in the tool by a single screw
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

408-8737 Datasheet(HTML) 2 Page - Tyco Electronics

  408-8737 Datasheet HTML 1Page - Tyco Electronics 408-8737 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
408-8737
Die Assembly 90566-1 for SOLISTRAND Ring Tongue Terminals
Rev A
2 of 2
Tyco Electronics Corporation
inspected immediately upon arrival at your facility to
ensure that no damage occurred during shipment.
4.1. Daily Maintenance
1. Remove dust, moisture, and other contaminants
with a clean brush, or a soft, lint–free cloth. DO
NOT use objects that could damage the dies.
2. When the dies are not in use, mate them, and
store in a clean, dry area.
4.2. Periodic Inspection
1. Remove accumulated dirt, grease, and foreign
matter by immersing the dies in a suitable
commercial degreaser.
2. Inspect crimping area for worn, cracked, or
broken surfaces. If damage is evident, return the
dies to Tyco Electronics for evaluation and repair.
Refer to Section 5, REPLACEMENT AND
REPAIR.
4.3. Gaging the Crimping Chamber
This inspection requires the use of a plug gage
conforming to the dimensions shown in Figure 4.
To gage the crimping chamber, refer to Figure 4, and
proceed as follows:
1. Remove traces of oil or dirt from the crimping
chamber and plug gage.
2. Mate the dies but do not apply pressure.
3. Align the GO element with the crimping
chamber. Push the element straight into the
crimping chamber without using force. The GO
element must pass completely through the
crimping chamber.
4. In the same manner, try to insert the NO–GO
element into the crimping chamber. The NO–GO
element may enter partially, but must not pass
completely through the length of the crimping
chamber.
If the dies conform to the gage inspection, they are
considered dimensionally correct. If not, the dies must
be returned to Tyco Electronics for further evaluation
and repair. Refer to Section 5, REPLACEMENT AND
REPAIR.
For additional information regarding the use of a plug
gage, refer to Instruction Sheet 408–7424.
Suggested Plug Gage Design
Die Closure
Configuration
R
6.35 [.250]
Min Typ
GO
50.8 [2.00]
Min Typ
R
NO-GO
A
GO" Element Must Pass
Completely Through the
Crimping Chamber
NO-GO" Element May Enter
Partially, But Must Not Pass
Completely Through the
Crimping Chamber
Gaging the Crimping Chamber
Crimping
Chamber
GAGE ELEMENT DIMENSION
PLUG GAGE DIMENSION
GO
NO-GO
R
(Radius)
A
(Die Closure)
4.699-4.706
[.1850-.1853]
4.899-4.902
[.1929-.1930]
5.54
[.218]
1.83+0.05/-0.08
[.072+.002/-.003]
Figure 4
5. REPLACEMENT AND REPAIR
Customer–replaceable parts are shown in Figure 1.
A complete inventory should be stocked and
controlled to prevent lost time when replacement of
parts is necessary. Order replacement parts through
your representative, or call 1–800–526–5142, or send
a facsimile of your purchase order to 717–986–7605,
or write to:
CUSTOMER SERVICE (038–035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105–3608
For customer repair service, call 1–800–526–5136.
6. REVISION SUMMARY
S Updated document to corporate requirements
S Changed artwork in Figure 3


Similar Part No. - 408-8737

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8731 MACOM-408-8731 Datasheet
344Kb / 7P
   Turn off the SDE 1600 Power Unit and disconnect it from the power supply.
408-8732 MACOM-408-8732 Datasheet
2Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8733 MACOM-408-8733 Datasheet
2Mb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-8734 TEC-408-8734 Datasheet
389Kb / 6P
   Terminating Modules
408-8738 TEC-408-8738 Datasheet
623Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results

Similar Description - 408-8737

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8697 MACOM-408-8697 Datasheet
697Kb / 3P
   Each die assembly consists of a nest die and an anvil die.
logo
TE Connectivity Ltd
408-32122 TEC-408-32122 Datasheet
478Kb / 4P
   The die assembly features an anvil die and a crimper die
logo
Tyco Electronics
408-2592 MACOM-408-2592 Datasheet
209Kb / 4P
   Each crimping die consists of a stationary die, amoving die, and two die holding screws
408-10176 MACOM-408-10176 Datasheet
147Kb / 3P
   The tool consists of a head with a stationary die holder and moving die holder and handles with a ratchet.
logo
Infineon Technologies A...
TLE5009A16 INFINEON-TLE5009A16 Datasheet
1Mb / 24P
   Available as single die and dual die with separate supplies for each die
Version 1.2 2017-10
logo
Tyco Electronics
408-10022 MACOM-408-10022 Datasheet
91Kb / 2P
   Die Assembly
408-10256 MACOM-408-10256 Datasheet
427Kb / 4P
   The die set is a replaceable die assembly with three crimping areas which are marked with the letters R,B,and Y.
408-10185 MACOM-408-10185 Datasheet
217Kb / 4P
   The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper.
408-10182 MACOM-408-10182 Datasheet
255Kb / 4P
   The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper.
408-4347 MACOM-408-4347 Datasheet
131Kb / 5P
   The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com