Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

408-4351 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 408-4351
Description  The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

408-4351 Datasheet(HTML) 1 Page - Tyco Electronics

  408-4351 Datasheet HTML 1Page - Tyco Electronics 408-4351 Datasheet HTML 2Page - Tyco Electronics 408-4351 Datasheet HTML 3Page - Tyco Electronics 408-4351 Datasheet HTML 4Page - Tyco Electronics 408-4351 Datasheet HTML 5Page - Tyco Electronics 408-4351 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Instruction Sheet
PRO- CRIMPER* III Hand
Crimping Tool Assembly 58593- 1
408--4351
LOC B
1
of 6
E
2010 Tyco Electronics Corporation, Harrisburg, PA
All International Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products, logos, and company names used are the property of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
05 JAN 10 Rev A
with Die Assembly 58593- 2
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low volume
applications. A wide selection of powered application equipment for extended--use, production operations is available.
Stationary Jaw
Back of Tool
(Wire Side)
Pivot Pin
PRO--CRIMPER III Hand
Crimping Tool Frame
354940--1 (408--9930)
Stationary Handle
Moving Handle
Locator Assembly
(Supplied with
Die Assembly)
Front of Tool
(Locator Side)
Die Assembly
Moving Jaw
Ratchet Adjustment Wheel
The PRO--CRIMPER III Hand Crimping Tool is a “Commercial” grade hand
tool and is designed primarily for field installation, repair, maintenance work, or
prototyping in industrial, commercial, or institutional applications. Product
crimped with this tool will meet the crimp height requirement for hand tools in
the appropriate 114 series specification, but may not comply with other feature
parameters of the specification. Tyco Electronics offers a variety of tools to
satisfy your performance requirements. For additional information, contact the
Tooling Assistance Center at 1--800--722--1111.
Contact
Wire
Die Assembly
Locator Assembly{
Contact
Family}
Size
(mm2)
Insul Dia
(mm [in.])
Strip Length
(mm [in.])
58593 2
58515 4
Power
1.5
1.88
[.074]
3.91 -- 4.70
58593--2
58515--4
Power
Quadlok
2.5
3.00
[.118]
3.91 -- 4.70
[.154 -- .185]
{
Supplied with die assembly, also available separately.
}
Contact the Tooling Assistance Center or Product Information (see below) for specific contact part numbers.
Figure 1
1. INTRODUCTION
PRO--CRIMPER III Hand Crimping Tool Assembly
58593--1 consists of Die Assembly 58593--2 and
PRO--CRIMPER III Hand Crimping Tool Frame
354940--1. The die assembly consists of crimping
dies and a locator assembly.
Reasons for revision can be found in Section 11,
REVISION SUMMARY.
Read these instructions thoroughly before crimping
any contacts.
Dimensions on this sheet are in millimeters [with
inch equivalents provided in brackets]. Figures
and illustrations are for identification only and are
not drawn to scale.
2. DESCRIPTION (Figures 1 and 2)
The tool features a tool frame with a stationary jaw
and handle, a moving jaw, a moving handle, and an
adjustable ratchet that ensures full contact crimping.
The tool frame holds a die assembly with two
crimping sections.
NOTE
i


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn