Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

408-4273 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 408-4273
Description  The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping The tool frame holds the die assembly.
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

408-4273 Datasheet(HTML) 3 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
408-4273
PRO-CRIMPER III Hand Crimping Tool Assembly 58621-1
3 of 3
Rev A
Tyco Electronics Corporation
5.2. Measuring Die Opening
The die assembly will perform correctly as long as:
(1) the product specified is correct for the application,
(2) the specific die assembly is used, (3) the die
assembly has been measured to ensure that the
openings are correct, and (4) the tool has been
adjusted correctly.
Figure 4 provides information on die opening sizes.
Figure 4
9.75
[.384]
6.57
[.259]
8.22
[.324]
6. RATCHET ADJUSTMENT (Figure 5)
The ratchet mechanism features an adjustment wheel
with eight settings. The adjustment wheel controls the
amount of handle pressure exerted on the tool jaws
and crimping dies during crimping. If the crimp is not
acceptable, adjust the ratchet as follows:
1. Sufficiently loosen the screw at the ratchet
adjustment wheel so that the wheel can be rotated
above the post that engages the teeth in the wheel.
2. If the crimp is too loose, turn the wheel to a
higher notch (for example, if the wheel is set at
notch no. 5, move the wheel to notch no. 6). If the
crimp is too tight, move the wheel to a lower notch.
3. Tighten the screw at the ratchet adjustment
wheel.
If the crimp cannot be made to conform to the
dimensions provided in the appropriate product
application specification, the tool and/or dies are
defective and must be replaced.
Other dies of the PRO-CRIMPER series may be
used in this tool; however, the ratchet adjustment
wheel may require adjustment to achieve
acceptable crimp height.
Figure 5
Screwdriver
Ratchet
Adjustment
Wheel
Lockscrew
(Typ)
7. MAINTENANCE
Ensure that the tool and dies are clean by wiping
them with a clean, soft cloth. Remove any debris with
a clean, soft brush. Do not use objects that could
damage the tool. When not in use, keep handles
closed to prevent objects from becoming lodged in
the dies, and store in a clean, dry area.
8. REPLACEMENT
Customer–replaceable parts are shown in Figure 1. If
the dies are damaged or worn excessively, they must
be replaced.
Available separately, PRO–CRIMPER III Hand
Crimping Tool Repair Kit 679221–1 includes a
replacement nut and a variety of pins, rings, screws,
and springs.
Order dies, the repair kit, and/or replaceable parts
through your Tyco Electronics representative, or call
1–800–526–5142, or send a facsimile of your
purchase order to 1–717–986–7605, or write to:
CUSTOMER SERVICE (38–35)
TYCO ELECTRONICS
PO BOX 3608
HARRISBURG PA 17105–3608
9. REVISION SUMMARY
Since the previous release of this instruction sheet,
the following changes were made:
S The PRO–CRIMPER II Hand Tool was
changed to the PRO–CRIMPER III Hand Tool;
S The TE logo was applied;
S The format was updated to current corporate
requirements.
NOTE
i


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn