Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

408-4273 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 408-4273
Description  The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping The tool frame holds the die assembly.
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

408-4273 Datasheet(HTML) 2 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
408-4273
PRO-CRIMPER III Hand Crimping Tool Assembly 58621-1
Rev A
2 of 3
Tyco Electronics Corporation
Figure 2
Identical Upper
and Lower
Crimping Dies
Tool Frame
Die Retaining
Screws
3. INSTALLATION AND REMOVAL OF DIE ASSEMBLY
(Figure 2)
1. Open the tool handles and remove the two die
retaining screws from the tool jaws.
2. Slide the die assembly into the partially opened
tool jaws.
3. Insert the die retaining screws and tighten the
screws just enough to hold the dies in place. Do
not tighten the screws completely at this time.
4. Carefully close the tool handles, making sure
the dies align properly. Continue closing the tool
handles until the ratchet in the tool frame has
engaged sufficiently to hold the die in place, then
tighten both die retaining screws.
5. To disassemble, close the tool handles until the
ratchet releases, remove the two die retaining
screws, and slide the dies out of the tool jaws.
4. CRIMPING PROCEDURE
4.1. Connector Preparation
1. Strip cable according to the dimensions in the
appropriate connector instruction sheet.
2. Assemble connector to cable per procedure
stated on instruction sheet.
4.2. Connector Crimp
1. See appropriate connector instruction sheet.
2. Place connector in bottom half of die assembly
so that the shoulder on the connector is
approximately 3.18 [.125] from end of die. See
Figure 3.
3. Holding the assembly in place, close the tool
handles until the ratchet releases.
4. Remove the crimped assembly from the
crimping die.
5. INSPECTION
5.1. Visual Inspection
Inspection of the crimping dies should be made on a
regular basis to ensure that they have not become
worn or damaged. Inspect the crimp sections for
flattened, chipped, worn, or broken areas. If damage
or abnormal wear is evident, the dies must be
replaced. Refer to Section 7, REPLACEMENT.
Figure 3
Connector
Placement
in Dies
Connector
Approximately
3.18 [.125] From
End of Die
Crimping Ferrule


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn