Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

408-4273 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 408-4273
Description  The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping The tool frame holds the die assembly.
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

408-4273 Datasheet(HTML) 1 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Instruction Sheet
PRO-CRIMPER* III Hand Crimping
Tool Assembly 58621-1 and Die
408-4273
LOC B
1 of 3
E2009 Tyco Electronics Corporation, Harrisburg, PA
All International Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products, logos, and company names used are the property of their respective owners.
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
18 MAY 09 Rev A
Assembly 58621-2
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low volume
applications. A wide selection of powered application equipment for extended-use, production operations is available.
Figure 1
The PRO-CRIMPER III Hand Crimping Tool is a Commercial" grade tool
and is designed primarily for field installation, repair, maintenance work, or
prototyping in industrial, commercial, or institutional applications. Product
crimped with this tool will meet the crimp height requirement for hand tools
in the appropriate 114 series specification, but may not comply with other
feature parameters of the specification. Tyco Electronics offers a variety of
tools to satisfy your performance requirements. For additional information,
contact the Tooling Assistance Center at 1-800-722-1111.
Die
Assembly
58621-2
Moving Jaw
Ratchet
Adjustment
Wheel
Moving
Handle
Stationary
Handle
PRO-CRIMPER III Hand Crimping
Tool Frame 354940-1 (408-9930)
Pivot Pin
Back of Tool
(Wire Side)
Stationary Jaw
Front of Tool
1. INTRODUCTION
PRO–CRIMPER III Hand Crimping Tool Assembly
58621–1 consists of Die Assembly 58621–2 and
PRO–CRIMPER III Hand Crimping Tool Frame
354940–1. The tool is designed to crimp Coaxial
Series F connectors onto Cable Series 59, Series 6,
and Series 7 Quad.
For instructions concerning the operation of the hand
tool, refer to instruction sheet 408–9930.
Catalog 124359 provides a selection of Series F
connectors. For connectors not referenced in the
catalog, contact Product Engineering for connector
recommendations.
Dimensions on this sheet are in millimeters [with
inch equivalents provided in brackets]. Figures
and illustrations are for identification only and are
not drawn to scale.
Reasons for revision are contained in Section 9
REVISION SUMMARY.
2. DESCRIPTION (Figure 1)
The tool features a tool frame with a stationary jaw
and handle, a moving jaw, a moving handle, and an
adjustable ratchet that ensures full connector
crimping. The tool frame holds the die assembly.
The die assembly features identical upper and lower
crimping dies and three ferrule crimp sections. The
ferrule crimp sections are identified by their hex size.
Each die is held in the hand tool by a single screw.
NOTE
i


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn