Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB47081N11Z Datasheet(PDF) 5 Page - TT Electronics.

Part # OPB47081N11Z
Description  Slotted Optical
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB47081N11Z Datasheet(HTML) 5 Page - TT Electronics.

  OPB47081N11Z Datasheet HTML 1Page - TT Electronics. OPB47081N11Z Datasheet HTML 2Page - TT Electronics. OPB47081N11Z Datasheet HTML 3Page - TT Electronics. OPB47081N11Z Datasheet HTML 4Page - TT Electronics. OPB47081N11Z Datasheet HTML 5Page - TT Electronics. OPB47081N11Z Datasheet HTML 6Page - TT Electronics. OPB47081N11Z Datasheet HTML 7Page - TT Electronics. OPB47081N11Z Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA, TA = 25° C
IR
Reverse Current
-
-
100
µA
VR = 2 V, TA = 25° C
Output Photologic® Sensor
VCC
Operating DC Supply Voltage
4.5
-
16
V
ICCL
Low Level Supply Current:
Buffered with 10k pull-up(1)
Buffered Open-Collector Output
-
-
7.5
mA
VCC = 16 V, IF = 0 mA
(1)
Inverted with 10k pull-up:
Inverted Open-Collector Output
-
-
7.5
mA
VCC = 16 V, IF = 12 mA
ICCH
High Level Supply Current:
Buffered with 10k pull-up
Buffered Open-Collector Output
-
-
7.5
mA
VCC = 16 V, IF = 12 mA
Inverted with 10k pull-up:
Inverted Open-Collector Output
-
-
7.5
mA
VCC = 16 V, IF = 0 mA
(1)
VOL
Low Level Output Voltage:
Buffered with 10k pull-up
Buffered Open-Collector Output
-
-
0.4
V
VCC = 4.5 V, IOL = 16 mA, IF = 0 mA
Inverted with 10k pull-up:
Inverted Open-Collector Output
-
-
0.4
V
VCC = 4.5 V, IF = 12 mA
(1)
VOH
High Level Output Voltage:
Buffered with 10k pull-up
VCC
-1.5
-
-
V
VCC = 4.5 V to 16 V, No Load, IF = 12
mA
Inverted with 10k pull-up:
Inverted Open-Collector Output(1)
VCC
-1.5
-
-
V
VCC = 4.5 V to 16 V, No Load, IF = 0
mA
IOH
High Level Output Voltage:
Buffered Open-Collector Output
-
-
14
µA
VCC = 16 V, IF = 12 mA, VOH = 25 V,
TA = 25° C
Inverted with 10k pull-up:
Inverted Open-Collector Output(1)
-
-
14
µA
VCC = 16 V, IF = 0 mA, VOH = 25 V,
TA = 25° C
IF(+)
LED Positive-Going Threshold Current
-
-
10
mA
VCC = 5 V, TA = 25° C
IF(+)/IF(-)
Hysteresis
-
1.4
-
-
VCC = 5 V
trtf
Rise Time, Fall Time
-
50
-
ns
VCC = 5 V, TA = 25° C, IF = 0 or 12 mA
tPLHtPHL
Propagation Delay
-
3
-
µs
RL = 300 Ω to 5 V, CL = 50 pF
Notes:
(1) Normal application would be with light source blocked, simulated by IF = 0 mA.
(2) All parameters tested using pulse technique.


Similar Part No. - OPB47081N11Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB470 OPTEK-OPB470 Datasheet
203Kb / 4P
   Photologic Slotted Optical Switches
OPB470 OPTEK-OPB470 Datasheet
264Kb / 7P
   Choice of pins or wires mounting configuration
logo
TT Electronics.
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
More results

Similar Description - OPB47081N11Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB853A1 OPTEK-OPB853A1 Datasheet
266Kb / 2P
   Slotted Optical Switches
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB852A1 OPTEK-OPB852A1 Datasheet
174Kb / 2P
   Slotted Optical Switches
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com