Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH-21002205FLF Datasheet(PDF) 3 Page - TT Electronics.

Part # CGH-21002205FLF
Description  Precision High-Voltage Thick Film Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CGH-21002205FLF Datasheet(HTML) 3 Page - TT Electronics.

  CGH-21002205FLF Datasheet HTML 1Page - TT Electronics. CGH-21002205FLF Datasheet HTML 2Page - TT Electronics. CGH-21002205FLF Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Precision High-Voltage
Thick Film Resistors
BD
CL
BL
0.032 (0.81) DIA.
1.50 ± 0.125
(38.1 ± 3.2)
Dimensions (Inches and (mm))
IRC Type
Body Length - BL
Body Diameter - BD
Clean Lead to Clean Lead - CL
CGH - 1/4
0.275 ± 0.031 (6.98 ± 0.79)
0.088 ± 0.010 (2.22 ± 0.25)
0.400 (10.16)
CGH - 1/2
0.400 ± 0.031 (10.16 ± 0.79)
0.138 ± 0.016 (3.51 ± 0.41)
0.525 (13.34)
CGH - 1
0.690 ± 0.062 (17.53 ± 1.57)
0.297 ± 0.031 (7.54 ± 0.79)
0.900 (22.86)
CGH - 2
1.062 ± 0.062 (26.97 ± 1.57)
0.297 ± 0.031 (7.54 ± 0.79)
1.250 (31.75)
CGH - 3
2.062 ± 0.062 (52.37 ± 1.57)
0.297 ± 0.031 (7.54 ± 0.79)
2.250 (57.15)
CGH - 5
3.062 ± 0.062 (77.77 ± 1.57)
0.297 ± 0.031 (7.54 ± 0.79)
3.250 (82.55)
Sample Part No.
IRC Type
CGH 1/4, CGH 1/2, CGH 1, CGH 2, CGH 3, CGH 5
Temperature Coefficient
(±100 ppm/°C, ±50 ppm/°C)
Resistance
Tolerance
D = ±0.5%
F = ±1%
G = ±2%
J = ±5%
RoHS Indicator
LF indicates RoHS compliance
Omit this code for SnPb finish
Ordering Data
CGH 3 - 100 - 2205 - F - LF
CGH Series Issue June 2009 Sheet 3 of 3
* CGH 1/4 leads are
0.025 (0.64) in diameter”
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Precision High-Voltage
Thick Film Resistors
BD
CL
BL
0.032 (0.81) DIA.
1.50 ± 0.125
(38.1 ± 3.2)
Dimensions (Inches and (mm))
IRC Type
Body Length - BL
Body Diameter - BD
Clean Lead to Clean Lead - CL
CGH - 1/4
0.275 ± 0.031 (6.98 ± 0.79)
0.088 ± 0.010 (2.22 ± 0.25)
0.400 (10.16)
CGH - 1/2
0.400 ± 0.031 (10.16 ± 0.79)
0.138 ± 0.016 (3.51 ± 0.41)
0.525 (13.34)
CGH - 1
0.690 ± 0.062 (17.53 ± 1.57)
0.297 ± 0.031 (7.54 ± 0.79)
0.900 (22.86)
CGH - 2
1.062 ± 0.062 (26.97 ± 1.57)
0.297 ± 0.031 (7.54 ± 0.79)
1.250 (31.75)
CGH - 3
2.062 ± 0.062 (52.37 ± 1.57)
0.297 ± 0.031 (7.54 ± 0.79)
2.250 (57.15)
CGH - 5
3.062 ± 0.062 (77.77 ± 1.57)
0.297 ± 0.031 (7.54 ± 0.79)
3.250 (82.55)
Sample Part No.
IRC Type
CGH 1/4, CGH 1/2, CGH 1, CGH 2, CGH 3, CGH 5
Temperature Coefficient
(±100 ppm/°C, ±50 ppm/°C)
Resistance
Tolerance
D = ±0.5%
F = ±1%
G = ±2%
J = ±5%
RoHS Indicator
LF indicates RoHS compliance
Omit this code for SnPb finish
Ordering Data
CGH 3 - 100 - 2205 - F - LF
CGH Series Issue June 2009 Sheet 3 of 3
*
Precision High-Voltage
Thick Film Resistors
CGH Series
12.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - CGH-21002205FLF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CGH-2 TTELEC-CGH-2 Datasheet
304Kb / 3P
   100K ohm to 2000 megohm range
More results

Similar Description - CGH-21002205FLF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CGX IRCTT-CGX Datasheet
236Kb / 2P
   Precision High-Voltage Thick-Film Resistors
CGH IRCTT-CGH Datasheet
90Kb / 3P
   Precision High-Voltage Thick Film Resistors
logo
Welwyn Components Limit...
T43D WELWYN-T43D Datasheet
164Kb / 2P
   High Voltage Precision Thick Film Resistors
logo
TT Electronics.
CGX TTELEC-CGX Datasheet
339Kb / 2P
   Precision High-Voltage Thick Film Resistors
logo
Panasonic Semiconductor
ERJPB3B1002V PANASONIC-ERJPB3B1002V Datasheet
59Kb / 2P
   High Precision Thick Film Chip Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com