Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVTL09LG3X Datasheet(PDF) 9 Page - TT Electronics.

Part # OVTL09LG3X
Description  Lednium Series Optimal X
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL09LG3X Datasheet(HTML) 9 Page - TT Electronics.

Back Button OVTL09LG3X Datasheet HTML 5Page - TT Electronics. OVTL09LG3X Datasheet HTML 6Page - TT Electronics. OVTL09LG3X Datasheet HTML 7Page - TT Electronics. OVTL09LG3X Datasheet HTML 8Page - TT Electronics. OVTL09LG3X Datasheet HTML 9Page - TT Electronics. OVTL09LG3X Datasheet HTML 10Page - TT Electronics. OVTL09LG3X Datasheet HTML 11Page - TT Electronics. OVTL09LG3X Datasheet HTML 12Page - TT Electronics. OVTL09LG3X Datasheet HTML 13Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Issue B.2 07/08
Page 9 of 14
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Lednium Series Optimal X
OVTL09LG3x Series
Typical Electro-Optical Characteristics Curves
Junction Temperature °C
-
0
20
40
60
80
100
120 140
160
Luminosity normalized to TJ = 25° C
2.0
1.6
1.2
1.0
0.4
0.0
1.8
1.4
0.8
0.2
0.6
% Normalized Luminosity at
Junction Temperature (° C)
0
25
50
75
100
125
OVTLO9LG3A
125
100
85
70
60
45
OVTLO9LG3B
107
100
95
87
75
65
OVTLO9LG3G
110
100
95
85
70
65
OVTLO9LG3R
135
100
90
75
65
50
OVTLO9LG3W
105
100
93
82
68
60
OPTEK
Part
Number
OVTLO9LG3WD
105
100
93
82
68
60
OVTLO9LG3WW
105
100
93
82
68
60
OVTL09LG3C
110
100
95
85
70
65
OVTL09LG3M
110
100
95
85
70
65
Luminosity normalized to TJ = 25° C
Red
Amber
Green
Cyan
White
Blue
WHEN MOUNTED ON:
FR4
PC BOARD
IMS
SPREADER
PLATE
3x3x1 in. FIN
EXTRUSION
ACTIVE
HEATSINK
USE SAFE OPERATING CURRENT OF:
200 mA
500 mA
700 mA
800 mA
1000 mA
Critical Thermal Conditions (To maintain junction temperature (T
J) at 85° C)
NOTE:
Refer to OPTEK Application Note #228 on thermal management (www.optekinc.com/pdf/AppNote228.pdf).


Similar Part No. - OVTL09LG3X

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3B OPTEK-OVTL09LG3B Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3G OPTEK-OVTL09LG3G Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3M OPTEK-OVTL09LG3M Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3R OPTEK-OVTL09LG3R Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
More results

Similar Description - OVTL09LG3X

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVTL01LGAX TTELEC-OVTL01LGAX Datasheet
751Kb / 10P
   Lednium Series Optimal I
logo
OPTEK Technologies
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
   10-Watt Lednium SMD Series
logo
List of Unclassifed Man...
R9-NBS-4UAK ETC2-R9-NBS-4UAK Datasheet
1Mb / 3P
   Optimal cooling performance.
logo
P-tec Corporation
PLBT5E-WCY06-DP1 P-TEC-PLBT5E-WCY06-DP1 Datasheet
383Kb / 5P
   Optimal Optical/Mechanical Design
logo
OSRAM GmbH
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-07-07
logo
List of Unclassifed Man...
R9-NBS-E22K-GP ETC2-R9-NBS-E22K-GP Datasheet
982Kb / 2P
   Optimal cooling performance
logo
Advanced Power Electron...
AP9922AGEO-HF A-POWER-AP9922AGEO-HF_14 Datasheet
57Kb / 4P
   Optimal DC/DC Battery Application
logo
TT Electronics.
OV14ZXX-Y TTELEC-OV14ZXX-Y Datasheet
816Kb / 6P
   Optimal XIV Star Series White, Multi-LED
logo
Taoglas antenna solutio...
TG.09.0113W TAOGLAS-TG.09.0113W Datasheet
8Mb / 37P
   Rotatable hinge design for optimal reception
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com