Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVTL01LGAA Datasheet(PDF) 6 Page - TT Electronics.

Part # OVTL01LGAA
Description  Lednium Series Optimal I
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL01LGAA Datasheet(HTML) 6 Page - TT Electronics.

Back Button OVTL01LGAA Datasheet HTML 2Page - TT Electronics. OVTL01LGAA Datasheet HTML 3Page - TT Electronics. OVTL01LGAA Datasheet HTML 4Page - TT Electronics. OVTL01LGAA Datasheet HTML 5Page - TT Electronics. OVTL01LGAA Datasheet HTML 6Page - TT Electronics. OVTL01LGAA Datasheet HTML 7Page - TT Electronics. OVTL01LGAA Datasheet HTML 8Page - TT Electronics. OVTL01LGAA Datasheet HTML 9Page - TT Electronics. OVTL01LGAA Datasheet HTML 10Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Issue B.8 3/09
Page 6 of 10
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Lednium Series Optimal I
OVTL01LGA Series
OVTL01LGAWW and OVTL01LGAWWS (WARM WHITE)
(IF = 350 mA)
Typical CCT 3500°K (±300°K)
V3
V4
W2V3
W2V4
W1V3
W1V4
W0V3
W0V4
W1
W2
Forward Voltage (VF)
2.9
3.4
3.7
40
50
Standard Bins
Lamps are sorted to luminous flux (Φ) and forward voltage (VF) bins shown. Orders may be filled with any or all bins
contained as below.
60
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
0.43
0.45
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
0.43
0.45
WW
WD
W
White Color Bins
Color
CCT
W
Cool White
7000°K ± 600
WD
Daylight White
5800°K ± 600
WW
Warm White
3500°K ± 300
W0
30


Similar Part No. - OVTL01LGAA

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVTL01LGAA OPTEK-OVTL01LGAA Datasheet
1Mb / 10P
   1-Watt Cup Series Flush Mount and Surface Mount Packages
OVTL01LGAAS OPTEK-OVTL01LGAAS Datasheet
1Mb / 10P
   1-Watt Cup Series Flush Mount and Surface Mount Packages
More results

Similar Description - OVTL01LGAA

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVTL09LG3X TTELEC-OVTL09LG3X Datasheet
1Mb / 14P
   Lednium Series Optimal X
logo
OPTEK Technologies
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
   10-Watt Lednium SMD Series
logo
TT Electronics.
OVTLZ1LGAB TTELEC-OVTLZ1LGAB Datasheet
215Kb / 1P
   Optimal I Star Series 1-watt LED on MCPCB
logo
List of Unclassifed Man...
R9-NBS-4UAK ETC2-R9-NBS-4UAK Datasheet
1Mb / 3P
   Optimal cooling performance.
logo
P-tec Corporation
PLBT5E-WCY06-DP1 P-TEC-PLBT5E-WCY06-DP1 Datasheet
383Kb / 5P
   Optimal Optical/Mechanical Design
logo
OSRAM GmbH
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-07-07
logo
List of Unclassifed Man...
R9-NBS-E22K-GP ETC2-R9-NBS-E22K-GP Datasheet
982Kb / 2P
   Optimal cooling performance
logo
Advanced Power Electron...
AP9922AGEO-HF A-POWER-AP9922AGEO-HF_14 Datasheet
57Kb / 4P
   Optimal DC/DC Battery Application
logo
TT Electronics.
OV14ZXX-Y TTELEC-OV14ZXX-Y Datasheet
816Kb / 6P
   Optimal XIV Star Series White, Multi-LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com