Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB917 Datasheet(PDF) 1 Page - TT Electronics.

Part # OPB917
Description  Slotted Optical Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB917 Datasheet(HTML) 1 Page - TT Electronics.

  OPB917 Datasheet HTML 1Page - TT Electronics. OPB917 Datasheet HTML 2Page - TT Electronics. OPB917 Datasheet HTML 3Page - TT Electronics. OPB917 Datasheet HTML 4Page - TT Electronics. OPB917 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The OPB917 series of Photologic® photo integrated circuit switches provide optimum flexibility. Each switch consists of an
infrared Light Emitting Diode (LED) and a Photologic® photo integrated circuit, mounted in an opaque housing with clear
windows for dust protection. The deep slot allows for a longer reach of the optical path from the 0.650” (16.5 mm)
mounting plane. Internal apertures are 0.010” x .060” (.25 mm x 1.52 mm) for the Photologic’s “S” side and 0.05” x
0.06” (1.27 mm x 1.52 mm) for the LED “E” side.
Devices in this series exhibit stable performance over supply voltages ranging from 4.5 V to 16.0 V, and may be specified as
buffered or inverted with an internal 10 kΩ pull-up resistor or open collector output. Devices are TTL/LSTTL compatible and
can drive up to 10 TTL loads.
Custom electrical, wire or cabling are available. Contact your local representative or OPTEK for more information.
 Mechanical switch replacement
 Speed indication (tachometer)
 Mechanical limit indication
 Edge sensing
 Low power consumption
 Data rates to 250 kBaud
 Choice of two logic states and two electrical outputs
 24” (610 mm) minimum 26 AWG UL listed wires
 Slot width 0.20” (5.08 mm)
 Slot Depth 0.86” (21.84 mm)
Ordering Information
Part
Number
LED Peak
Wavelength
Sensor
Photologic®
Slot Width/
Depth
Aperture
Emitter/
Sensor
Lead Length /
Wire
OPB917BZ
880 nm
10K Pull-Up
0.200” /
0.635”
0.05" / 0.01"
24" / 26 AWG
Wire
OPB917IZ
Inv-10K Pull-Up
OPB917BOCZ
Open-Collector
OPB917IOCZ
Inv-Open-Collector
OPB917BOCZ Open-Collector
OPB917BZ 10K Pull-Up
OPB917IZ Inverted 10K Pull-Up
OPB917IOCZ Inverted Open-Collector
Light ON
output High
Light ON
output High
Light ON
output Low
Light ON
output Low
Color Description
Red
Anode
Black
Cathode
White
Vcc
Blue
Output
Green
Ground
RoHS


Similar Part No. - OPB917

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB917 OPTEK-OPB917 Datasheet
158Kb / 3P
   Photologic창 Slotted Op tical Switches Type OPB917 Series
OPB917B OPTEK-OPB917B Datasheet
158Kb / 3P
   Photologic창 Slotted Op tical Switches Type OPB917 Series
OPB917BOC OPTEK-OPB917BOC Datasheet
158Kb / 3P
   Photologic창 Slotted Op tical Switches Type OPB917 Series
OPB917I OPTEK-OPB917I Datasheet
158Kb / 3P
   Photologic창 Slotted Op tical Switches Type OPB917 Series
OPB917IOC OPTEK-OPB917IOC Datasheet
158Kb / 3P
   Photologic창 Slotted Op tical Switches Type OPB917 Series
More results

Similar Description - OPB917

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com