Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGX-1 Datasheet(PDF) 2 Page - TT Electronics.

Part # CGX-1
Description  Precision High-Voltage Thick Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CGX-1 Datasheet(HTML) 2 Page - TT Electronics.

  CGX-1 Datasheet HTML 1Page - TT Electronics. CGX-1 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Precision High-Voltage
Thick-Film Resistors
CGX Series
RoHS Indicator
LF indicates RoHS compliance / Omit this code for SnPb finish
100 = 100ppm/°C, 50 = 50ppm/°C
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
IRC Type
Temperature Coefficient
Resistance
Tolerance
F = 1%
G = 2%
J = 5%
Ordering Data
CGX - 1
100
1006
F
Precision High-Voltage
Thick-Film Resistors
100
80
60
40
20
0
50 70 100
Ambient Temperature (°C)
150
200
0
175
Power Derating Chart
CGX Series Issue August 2008 Sheet 2 of 2
LF
BI Technologies IRC Welwyn
06.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors


Similar Part No. - CGX-1

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CGX-1/2011006F IRCTT-CGX-1/2011006F Datasheet
236Kb / 2P
   Precision High-Voltage Thick-Film Resistors
CGX-1/2011006G IRCTT-CGX-1/2011006G Datasheet
236Kb / 2P
   Precision High-Voltage Thick-Film Resistors
CGX-1/2011006J IRCTT-CGX-1/2011006J Datasheet
236Kb / 2P
   Precision High-Voltage Thick-Film Resistors
CGX-1011006F IRCTT-CGX-1011006F Datasheet
236Kb / 2P
   Precision High-Voltage Thick-Film Resistors
CGX-1011006G IRCTT-CGX-1011006G Datasheet
236Kb / 2P
   Precision High-Voltage Thick-Film Resistors
More results

Similar Description - CGX-1

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CGX IRCTT-CGX Datasheet
236Kb / 2P
   Precision High-Voltage Thick-Film Resistors
CGH IRCTT-CGH Datasheet
90Kb / 3P
   Precision High-Voltage Thick Film Resistors
logo
Welwyn Components Limit...
T43D WELWYN-T43D Datasheet
164Kb / 2P
   High Voltage Precision Thick Film Resistors
logo
TT Electronics.
CGH TTELEC-CGH_17 Datasheet
351Kb / 3P
   Precision High-Voltage Thick Film Resistors
logo
Panasonic Semiconductor
ERJPB3B1002V PANASONIC-ERJPB3B1002V Datasheet
59Kb / 2P
   High Precision Thick Film Chip Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com