Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER101G Datasheet(PDF) 1 Page - Micro Commercial Components

Part # HER101G
Description  1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

HER101G Datasheet(HTML) 1 Page - Micro Commercial Components

  HER101G_13 Datasheet HTML 1Page - Micro Commercial Components HER101G_13 Datasheet HTML 2Page - Micro Commercial Components HER101G_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HER101G
THRU
HER108G
1.0 Amp Glass
Passivated High
Efficient Rectifier
50 to 1000 Volts
Features
Fast Switching Speed
Maximum Ratings
Operating Temperature: -55
OC to +125OC
Storage Temperature: -55
OC to +150OC
Typical Thermal Resistance; 60
OC/W Junction To Case
18
OC/W Junction To Ambient
MCC Part
Number
Device
Marking
Maximum
Recurrent Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
HER101G
50V
35V
50V
HER102G
100V
70V
100V
HER103G
200V
140V
200V
HER104G
300V
210V
300V
HER105G
400V
280V
400V
HER106G
600V
420V
600V
HER107G
800V
560V
800V
HER108G
1000V
700V
1000V
Electrical Characteristics @ 25OC Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 55
OC
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
HER101G-104G
HER105G
HER106G-108G
VF
1.0V
1.3V
1.7V
IFM = 1.0A;
TJ = 25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
150uA
TJ = 25
OC
TJ = 125
OC
Maximum Reverse
Recovery Time
HER101G-105G
HER106G-108G
Trr
50ns
75ns
IF=0.5A, IR=1.0A
IRR=0.25A
Typical Junction
Capacitance
HER101G-105G
HER106G-108G
CJ
20pF
15pF
Measured at
1.0MHz, VR=4.0V
 omponents
21201 Itasca Street Chatsworth

 !"#
$%   !"#
MCC
DO-41
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
TM
Micro Commercial Components
HER101G
HER108G
HER107G
HER106G
HER105G
HER104G
HER103G
HER102G
Revision: B
2013/01/01
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - HER101G_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER101G TSC-HER101G_1 Datasheet
271Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G_10 Datasheet
611Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G_14 Datasheet
362Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
SeCoS Halbleitertechnol...
HER101G SECOS-HER101G_15 Datasheet
151Kb / 2P
   1 A, Glass Passivated High Efficiency Rectifiers
logo
Leshan Radio Company
HER101G LRC-HER101G_15 Datasheet
202Kb / 7P
   Glass Passivated Junction
More results

Similar Description - HER101G_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER101G MCC-HER101G Datasheet
410Kb / 3P
   1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
1H1G MCC-1H1G Datasheet
365Kb / 2P
   1.0 Amp Glass Passivated High Efficient Rectifier 50 - 1000 Volts
HDB101G MCC-HDB101G Datasheet
98Kb / 2P
   1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts
HDBS101G MCC-HDBS101G Datasheet
121Kb / 2P
   1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts
GS1M-LTP MCC-GS1M-LTP Datasheet
258Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1A-L MCC-GS1A-L_17 Datasheet
362Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
M1FL MCC-M1FL Datasheet
665Kb / 3P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1A-L MCC-GS1A-L Datasheet
246Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1B-LTP MCC-GS1B-LTP Datasheet
255Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1AFL MCC-GS1AFL Datasheet
392Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com