Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG59M1612V Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG59M1612V
Description  Dual 4.5A Integrated Power Switch with One Channel Discharge and Reverse Blocking
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59M1612V Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG59M1612V Datasheet HTML 1Page - Dialog Semiconductor SLG59M1612V Datasheet HTML 2Page - Dialog Semiconductor SLG59M1612V Datasheet HTML 3Page - Dialog Semiconductor SLG59M1612V Datasheet HTML 4Page - Dialog Semiconductor SLG59M1612V Datasheet HTML 5Page - Dialog Semiconductor SLG59M1612V Datasheet HTML 6Page - Dialog Semiconductor SLG59M1612V Datasheet HTML 7Page - Dialog Semiconductor SLG59M1612V Datasheet HTML 8Page - Dialog Semiconductor SLG59M1612V Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Silego Technology, Inc.
Rev 1.00
000-0059M1612-100
Revised September 9, 2015
Dual 4.5A Integrated Power Switch with
One Channel Discharge and Reverse Blocking
SLG59M1612V
Block Diagram
General Description
The SLG59M1612V is designed for load switching application.
The part comes with two 4.5 A rated MOSFETs switched on by
two ON control pins. Each MOSFETs turn on time is indepen-
dently adjusted by an external capacitor. One channel dis-
charge is active when both ON signals are inactive.
Features
Two 4.5 A independent MOSFETs with Reverse Current
Blocking
Two Integrated VGS Charge Pumps
Internal discharge for Channel 1. Discharge when both
ON_MOS1 & ON_MOS2 = Low
Independent Ramp Control
Protected by thermal shutdown
Pb-Free / RoHS Compliant
Halogen-Free / MSL 1
STDFN 14L, 1 x 3 x 0.55 mm
Pin Configuration
Applications
Ideal for switching ON and OFF S0 +5.0 and 3.3V power rails with associated support circuitry discharges.
Ideal for switching ON and OFF power rails 5V or less.
Can use either channel up to 5.5A with combined maximum current of 8.5A
Maximum load capacitance of 1000
μF for each Channel Source terminal.
CAP_MOS1
MOS1_S
MOS1_S
VDD
ON_MOS1
2
3
4
12
13
14
MOS1_D
MOS1_D
1
14-pin STDFN
(Top View)
CAP_MOS2
GND
MOS2_D
ON_MOS2
5
6
10
11
MOS2_D
7
MOS2_S
MOS2_S
8
9
Reverse
Blocking
MOS1_D
MOS1_S
Slew Rate
Control
ON_MOS1
Charge
Pump Out
4.5 A
MOS2_D
MOS2_S
4.5 A
ON_MOS2
Charge
Pump Out
CAP_MOS1
CAP_MOS2
VDD
Reverse
Blocking


Similar Part No. - SLG59M1612V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1614V DIALOG-SLG59M1614V Datasheet
174Kb / 12P
   Two Over Current Protection Modes
logo
Renesas Technology Corp
SLG59M1614V RENESAS-SLG59M1614V Datasheet
562Kb / 16P
   An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Load Switch
3-Feb-2022
logo
Dialog Semiconductor
SLG59M1614VTR DIALOG-SLG59M1614VTR Datasheet
174Kb / 12P
   Two Over Current Protection Modes
logo
Renesas Technology Corp
SLG59M1614VTR RENESAS-SLG59M1614VTR Datasheet
562Kb / 16P
   An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Load Switch
3-Feb-2022
logo
Dialog Semiconductor
SLG59M1618V DIALOG-SLG59M1618V Datasheet
737Kb / 14P
   Ultra-small 19 m廓 2.0 A Load Switch
More results

Similar Description - SLG59M1612V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1603V DIALOG-SLG59M1603V Datasheet
130Kb / 10P
   Dual 4.5A Integrated Power Switch with Discharge and Reverse Current Blocking
logo
Renesas Technology Corp
SLG59M1603V RENESAS-SLG59M1603V Datasheet
359Kb / 11P
   Dual 4.5A Load Switch with Discharge and Reverse Current Blocking
February 4, 2022
logo
Dialog Semiconductor
SLG59M1600V DIALOG-SLG59M1600V Datasheet
143Kb / 11P
   7.8 m廓, 9 A Integrated Power Switch with Discharge and Reverse Current Blocking
SLG5NT1602V DIALOG-SLG5NT1602V Datasheet
142Kb / 10P
   7.8 m廓, 9 A Integrated Power Switch with Discharge and Reverse Current Blocking
logo
Renesas Technology Corp
SLG5NT1602V RENESAS-SLG5NT1602V Datasheet
391Kb / 11P
   7.8 mW, 9 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG5NT1437V RENESAS-SLG5NT1437V Datasheet
296Kb / 11P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
logo
Dialog Semiconductor
SLG59M1571V DIALOG-SLG59M1571V Datasheet
169Kb / 8P
   Ultra-small 14.6 m廓 1.0 A GreenFET 3 Power Switch with Discharge and Reverse Blocking
logo
Renesas Technology Corp
SLG59M1571V RENESAS-SLG59M1571V Datasheet
400Kb / 9P
   Ultra-small 14.6 mW 1.0 A GreenFET Load Switch with Discharge and Reverse Blocking
February 14, 2022
SLG59M610V RENESAS-SLG59M610V Datasheet
301Kb / 12P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
SLG59M1606V RENESAS-SLG59M1606V Datasheet
357Kb / 11P
   Dual 4.5 A Load Switch with Reverse Current Blocking
February 4, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com