Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG59H1313C Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # SLG59H1313C
Description  A 20 m廓, 4.5 A nFET Integrated Power Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59H1313C Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button SLG59H1313C Datasheet HTML 6Page - Dialog Semiconductor SLG59H1313C Datasheet HTML 7Page - Dialog Semiconductor SLG59H1313C Datasheet HTML 8Page - Dialog Semiconductor SLG59H1313C Datasheet HTML 9Page - Dialog Semiconductor SLG59H1313C Datasheet HTML 10Page - Dialog Semiconductor SLG59H1313C Datasheet HTML 11Page - Dialog Semiconductor SLG59H1313C Datasheet HTML 12Page - Dialog Semiconductor SLG59H1313C Datasheet HTML 13Page - Dialog Semiconductor SLG59H1313C Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
000-0059H1313-053
Page 10 of 28
SLG59H1313C
Preliminary
Figure 7. Typical Turn OFF operation waveform for VIN = 2.5 V, no CLOAD, RLOAD = 100 Ω
Figure 8. Typical Turn OFF operation waveform for VIN = 5 V, CLOAD = 100 μF, RLOAD = 100 Ω


Similar Part No. - SLG59H1313C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59H1313C RENESAS-SLG59H1313C Datasheet
1Mb / 31P
   A 23 mΩ, 4.5 A nFET Load Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
2-Feb-2022
More results

Similar Description - SLG59H1313C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59H1313C RENESAS-SLG59H1313C Datasheet
1Mb / 31P
   A 23 mΩ, 4.5 A nFET Load Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
2-Feb-2022
logo
Dialog Semiconductor
SLG59M1685C DIALOG-SLG59M1685C Datasheet
1Mb / 23P
   A Low Power, 10 m廓, 2 A, 0.82 mm2 WLCSP Integrated Power Switch with Multiple Protection Features
SLG59M1693C DIALOG-SLG59M1693C Datasheet
751Kb / 22P
   A 2 V, 17.4 m廓, 1.0 A pFET Integrated Power Switch with Discharge in a 0.56 mm2 WLCSP
SLG59M1748C DIALOG-SLG59M1748C Datasheet
627Kb / 20P
   A Reverse Blocking 36 m廓, 2.2 A pFET Integrated Power Switch in 0.64 mm2 WLCSP
logo
Renesas Technology Corp
SLG59H1342 RENESAS-SLG59H1342 Datasheet
1Mb / 24P
   A Reverse Blocking 70 mΩ, 1.5 A nFET Load Switch in 1.46 mm2 WLCSP
27-Jan-2023
SLG59H1341 RENESAS-SLG59H1341 Datasheet
1Mb / 29P
   A Reverse Blocking 70 mΩ, 1.3 A nFET Load Switch in 1.46 mm2 WLCSP
18-Jul-2022
SLG59M1685C RENESAS-SLG59M1685C Datasheet
955Kb / 24P
   A Low Power, 10 mΩ, 2 A, 0.82 mm2 WLCSP Load Switch with Multiple Protection Features
3-Feb-2022
logo
Dialog Semiconductor
SLG59M1746C DIALOG-SLG59M1746C Datasheet
923Kb / 32P
   An Ultra-low Power, RDSON 17.6 m廓, 1 A, 0.82 mm2 WLCSP Integrated Power Switch with Controlled Inrush Current
SLG59M1707V DIALOG-SLG59M1707V Datasheet
969Kb / 24P
   A 125 째C Rated, 4 mm2, 13 m廓, 3.5 A Integrated Power Switch with Protection Features and an Analog Current Monitor Output
logo
Renesas Technology Corp
SLG59M1735C RENESAS-SLG59M1735C Datasheet
1Mb / 19P
   A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP
4-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com