Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG59H1017V Datasheet(PDF) 33 Page - Dialog Semiconductor

Part # SLG59H1017V
Description  A 13.3 m廓, 4 A, Integrated Power Switch with 12V/24V Input Lockout Select and Analog Current Monitor Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59H1017V Datasheet(HTML) 33 Page - Dialog Semiconductor

Back Button SLG59H1017V Datasheet HTML 26Page - Dialog Semiconductor SLG59H1017V Datasheet HTML 27Page - Dialog Semiconductor SLG59H1017V Datasheet HTML 28Page - Dialog Semiconductor SLG59H1017V Datasheet HTML 29Page - Dialog Semiconductor SLG59H1017V Datasheet HTML 30Page - Dialog Semiconductor SLG59H1017V Datasheet HTML 31Page - Dialog Semiconductor SLG59H1017V Datasheet HTML 32Page - Dialog Semiconductor SLG59H1017V Datasheet HTML 33Page - Dialog Semiconductor SLG59H1017V Datasheet HTML 34Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
000-0059H1017-101
Page 33 of 34
SLG59H1017V
Tape and Reel Specifications
Carrier Tape Drawing and Dimensions
Recommended Reflow Soldering Profile
Please see IPC/JEDEC J-STD-020: latest revision for reflow profile based on package volume of 2.64 mm3 (nominal). More
information can be found at www.jedec.org.
Package
Type
# of
Pins
Nominal
Package Size
[mm]
Max Units
Reel &
Hub Size
[mm]
Leader (min)
Trailer (min)
Tape
Width
[mm]
Part
Pitch
[mm]
per Reel per Box
Pockets
Length
[mm]
Pockets
Length
[mm]
STQFN
18L 0.4P
FC Green
18
1.6 x 3 x 0.55
3,000
3,000
178 / 60
100
400
100
400
8
4
Package
Type
PocketBTM
Length
PocketBTM
Width
Pocket
Depth
Index Hole
Pitch
Pocket
Pitch
Index Hole
Diameter
Index Hole
to Tape
Edge
Index Hole
to Pocket
Center
Tape Width
A0
B0
K0
P0
P1
D0
E
F
W
STQFN 18L
0.4P FC
Green
1.78
3.18
0.76
4
4
1.5
1.75
3.5
8
Refer to EIA-481 specification


Similar Part No. - SLG59H1017V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59H1017V RENESAS-SLG59H1017V Datasheet
1Mb / 37P
   A 13.3 mΩ, 4 A Load Switch with 12 V / 24 V VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
More results

Similar Description - SLG59H1017V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59H1008V DIALOG-SLG59H1008V Datasheet
473Kb / 19P
   A 13.3 m廓, 4 A, Integrated Power Switch with 12V/24V Input Lockout Select and MOSFET Current Monitor Output
SLG59H1010V DIALOG-SLG59H1010V Datasheet
515Kb / 20P
   A 13.3 m廓, 5 A, Integrated Power Switch with 12V/24V Input Lockout Select and MOSFET Current Monitor Output
SLG59H1013V DIALOG-SLG59H1013V Datasheet
627Kb / 25P
   A 13.3 m廓, 3.5 A, 125째C-Rated, Integrated Power Switch with 12V/24V Input Lockout Select and MOSFET Current Monitor Output
SLG59H1007V DIALOG-SLG59H1007V Datasheet
551Kb / 20P
   A 22 V, 13.3 m廓, 5 A Integrated Power Switch with VIN Lockout Select and Load Power Monitor Output
SLG59H1128V DIALOG-SLG59H1128V Datasheet
1Mb / 32P
   A 22 V, 13.1 m廓, 5 A Integrated Power Switch with VIN Lockout Select and Analog Current Monitor Output
SLG59H1009V DIALOG-SLG59H1009V Datasheet
334Kb / 18P
   A 22V, 13.1 m, 4 A Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1006V DIALOG-SLG59H1006V Datasheet
518Kb / 19P
   A 22 V, 13.1 m廓, 5 A Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1126V DIALOG-SLG59H1126V Datasheet
931Kb / 27P
   A 12 V, 18 m廓, 6 A Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1012V DIALOG-SLG59H1012V Datasheet
576Kb / 23P
   A 22 V, 13.1 m廓, 6 A, 85째C-Rated, Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
logo
Renesas Technology Corp
SLG59H1017V RENESAS-SLG59H1017V Datasheet
1Mb / 37P
   A 13.3 mΩ, 4 A Load Switch with 12 V / 24 V VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com