Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG59H1005V Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # SLG59H1005V
Description  A 22 V, 50 m廓, 3 A Reverse Blocking Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59H1005V Datasheet(HTML) 5 Page - Dialog Semiconductor

  SLG59H1005V Datasheet HTML 1Page - Dialog Semiconductor SLG59H1005V Datasheet HTML 2Page - Dialog Semiconductor SLG59H1005V Datasheet HTML 3Page - Dialog Semiconductor SLG59H1005V Datasheet HTML 4Page - Dialog Semiconductor SLG59H1005V Datasheet HTML 5Page - Dialog Semiconductor SLG59H1005V Datasheet HTML 6Page - Dialog Semiconductor SLG59H1005V Datasheet HTML 7Page - Dialog Semiconductor SLG59H1005V Datasheet HTML 8Page - Dialog Semiconductor SLG59H1005V Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
000-0059H1005-102
Page 5 of 20
SLG59H1005V
TTotal_ON, TON_Delay and Slew Rate Measurement Timing Details
SEL[1,0]_VIL SEL[1,0] pins Input Low Voltage
-0.3
--
0.3
V
ION(Leakage) ON Pin Leakage Current
1V ≤ ON ≤ 5V or ON = GND
--
--
1
µA
THERMON
Thermal Protection Shutdown Thresh-
old
--
125
--
°C
THERMOFF Thermal Protection Restart Threshold
--
100
--
°C
Notes:
1. Refer to typical Timing Parameter vs. CSLEW performance charts for additional information when available.
Electrical Characteristics (continued)
4.5 V ≤ VIN ≤ 22 V; CIN = 47 μF, TA = -40°C to 85°C, unless otherwise noted. Typical values are at TA = 25°C
Parameter Description
Conditions
Min.
Typ.
Max.
Unit
90% VOUT
50% ON
TON_Delay
VOUT(SR)(V/ms)
ON*
VOUT
TTotal_ON
10% VOUT
50% ON
10% VOUT
TOFF_Delay
TFALL
90% VOUT
* Rise and Fall times of the ON signal are 100 ns


Similar Part No. - SLG59H1005V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59H1005V RENESAS-SLG59H1005V Datasheet
1Mb / 37P
   A 22 V, 50 mΩ, 3 A, Reverse Blocking Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
More results

Similar Description - SLG59H1005V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NTH1011V DIALOG-SLG5NTH1011V Datasheet
532Kb / 20P
   A 22 V, 50 m廓, 3 A Reverse Blocking Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1020V DIALOG-SLG59H1020V Datasheet
1Mb / 43P
   A 20 V, 50 m廓, 3 A, Reverse Blocking Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
logo
Renesas Technology Corp
SLG5NTH1011V RENESAS-SLG5NTH1011V Datasheet
1Mb / 37P
   A 22 V, 50 mΩ, 3 A, Reverse Blocking Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
3-Feb-2022
SLG59H1005V RENESAS-SLG59H1005V Datasheet
1Mb / 37P
   A 22 V, 50 mΩ, 3 A, Reverse Blocking Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
logo
Dialog Semiconductor
SLG59H1006V DIALOG-SLG59H1006V Datasheet
518Kb / 19P
   A 22 V, 13.1 m廓, 5 A Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
logo
Renesas Technology Corp
SLG59H1020V RENESAS-SLG59H1020V Datasheet
2Mb / 44P
   A 20 V, 50 mΩ, 3 A, Reverse Blocking Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
logo
Dialog Semiconductor
SLG59H1128V DIALOG-SLG59H1128V Datasheet
1Mb / 32P
   A 22 V, 13.1 m廓, 5 A Integrated Power Switch with VIN Lockout Select and Analog Current Monitor Output
SLG59H1012V DIALOG-SLG59H1012V Datasheet
576Kb / 23P
   A 22 V, 13.1 m廓, 6 A, 85째C-Rated, Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1016V DIALOG-SLG59H1016V Datasheet
591Kb / 23P
   A 22 V, 13.1 m廓, 3.5 A, 125째C-Rated, Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1126V DIALOG-SLG59H1126V Datasheet
931Kb / 27P
   A 12 V, 18 m廓, 6 A Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com