Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG6M6001V Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # SLG6M6001V
Description  Ultra-small 3.8 m廓, 10 A, NVM Programmable Power Switch with Current Sense
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG6M6001V Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button SLG6M6001V Datasheet HTML 11Page - Dialog Semiconductor SLG6M6001V Datasheet HTML 12Page - Dialog Semiconductor SLG6M6001V Datasheet HTML 13Page - Dialog Semiconductor SLG6M6001V Datasheet HTML 14Page - Dialog Semiconductor SLG6M6001V Datasheet HTML 15Page - Dialog Semiconductor SLG6M6001V Datasheet HTML 16Page - Dialog Semiconductor SLG6M6001V Datasheet HTML 17Page - Dialog Semiconductor SLG6M6001V Datasheet HTML 18Page - Dialog Semiconductor SLG6M6001V Datasheet HTML 19Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
000-006M6001-070
Page 16 of 19
SLG6M6001V
Preliminary
Ordering Information
Part Number
Type
Production Flow
SLG6M6001V
STQFN 18L FC
Industrial, -40
°C to 85 °C
SLG6M6001VTR
STQFN 18L FC (Tape and Reel)
Industrial, -40
°C to 85 °C


Similar Part No. - SLG6M6001V

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
SLG RUBYCON-SLG Datasheet
244Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
SLG ETC2-SLG Datasheet
438Kb / 7P
   Ultra High Pressure Flow Sensor for LC Applications
logo
RUBYCON CORPORATION
SLG RUBYCON-SLG Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
SLG-0025 ETC2-SLG-0025 Datasheet
438Kb / 7P
   Ultra High Pressure Flow Sensor for LC Applications
SLG-0075 ETC2-SLG-0075 Datasheet
438Kb / 7P
   Ultra High Pressure Flow Sensor for LC Applications
More results

Similar Description - SLG6M6001V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M611V DIALOG-SLG59M611V Datasheet
129Kb / 11P
   Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
SLG7NT614V DIALOG-SLG7NT614V Datasheet
116Kb / 10P
   Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
SLG59M1641V DIALOG-SLG59M1641V Datasheet
489Kb / 11P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
SLG59M1638V DIALOG-SLG59M1638V Datasheet
270Kb / 11P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
SLG59M1640V DIALOG-SLG59M1640V Datasheet
267Kb / 12P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
SLG7NT408V DIALOG-SLG7NT408V Datasheet
120Kb / 11P
   Ultra-small 7.8 m廓, 4 A Integrated Power Switch
SLG7NT402V DIALOG-SLG7NT402V Datasheet
130Kb / 11P
   Ultra-small 7.8 m廓, 4 A Integrated Power Switch with Discharge
SLG59M1496V DIALOG-SLG59M1496V Datasheet
128Kb / 10P
   Ultra-small 7.8 m廓, 5.3 A Integrated Power Switch with Discharge
SLG59M1558V DIALOG-SLG59M1558V Datasheet
209Kb / 10P
   Ultra-small 28.5 m廓, 1.0 A Integrated Power Switch
SLG59M1557V DIALOG-SLG59M1557V Datasheet
210Kb / 10P
   Ultra-small 28.5 m廓, 1.0 A Integrated Power Switch with Discharge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com