Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG5NT1602V Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG5NT1602V
Description  7.8 m廓, 9 A Integrated Power Switch with Discharge and Reverse Current Blocking
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG5NT1602V Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG5NT1602V Datasheet HTML 1Page - Dialog Semiconductor SLG5NT1602V Datasheet HTML 2Page - Dialog Semiconductor SLG5NT1602V Datasheet HTML 3Page - Dialog Semiconductor SLG5NT1602V Datasheet HTML 4Page - Dialog Semiconductor SLG5NT1602V Datasheet HTML 5Page - Dialog Semiconductor SLG5NT1602V Datasheet HTML 6Page - Dialog Semiconductor SLG5NT1602V Datasheet HTML 7Page - Dialog Semiconductor SLG5NT1602V Datasheet HTML 8Page - Dialog Semiconductor SLG5NT1602V Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Silego Technology, Inc.
Rev 1.01
000-005NT1602-101
Revised March 15, 2016
7.8 m
Ω, 9 A Integrated Power Switch
with Discharge and Reverse Current Blocking
SLG5NT1602V
Block Diagram
General Description
The SLG5NT1602V is designed for power switching applica-
tion. The part comes with one 9 A rated MOSFET switched on
by an ON control pin. MOSFET turn on time is independently
adjusted by an external capacitor.
Features
One 9 A independent MOSFET with reverse current block-
ing
Integrated VGS Charge Pump
Internal discharge for gate and source
Ramp Control
Protected by thermal shutdown with current limit
Pb-Free / RoHS Compliant
Halogen-Free
STDFN 14L, 1 x 3 x 0.55 mm
Pin Configuration
CAP_MOS
MOS_S
MOS_S
VDD
ON_MOS
MOS_D
MOS_D
14-pin STDFN
(Top View)
CAP_MOS
GND
MOS_D
ON_MOS
MOS_D
MOS_S
MOS_S
2
3
4
12
13
14
1
5
6
10
11
7
8
9
MOS_D
MOS_S
Linear Ramp
Control
CMOS Input
ON/OFF
Charge
Pump
+2.5 to 5.5 V
PIN10
9 A @ 7.8 m
Ω
PIN3
PIN5
PIN12
CAP
Reverse
Blocking
Over Temperature
Protection


Similar Part No. - SLG5NT1602V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG5NT1602V RENESAS-SLG5NT1602V Datasheet
391Kb / 11P
   7.8 mW, 9 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG5NT1602VTR RENESAS-SLG5NT1602VTR Datasheet
391Kb / 11P
   7.8 mW, 9 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
More results

Similar Description - SLG5NT1602V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1600V DIALOG-SLG59M1600V Datasheet
143Kb / 11P
   7.8 m廓, 9 A Integrated Power Switch with Discharge and Reverse Current Blocking
logo
Renesas Technology Corp
SLG5NT1602V RENESAS-SLG5NT1602V Datasheet
391Kb / 11P
   7.8 mW, 9 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
logo
Dialog Semiconductor
SLG5NT1611V DIALOG-SLG5NT1611V Datasheet
188Kb / 10P
   An Ultra-small 7.8 m廓, 9 A, Single-channel Integrated Power Switch with Reverse-current Blocking
SLG59M1655V DIALOG-SLG59M1655V Datasheet
585Kb / 16P
   An Ultra-small, 7.8 m廓, 9 A, Single-channel Integrated Power Switch with Reverse-current Blocking
SLG7NT402V DIALOG-SLG7NT402V Datasheet
130Kb / 11P
   Ultra-small 7.8 m廓, 4 A Integrated Power Switch with Discharge
SLG59M1496V DIALOG-SLG59M1496V Datasheet
128Kb / 10P
   Ultra-small 7.8 m廓, 5.3 A Integrated Power Switch with Discharge
SLG59M1603V DIALOG-SLG59M1603V Datasheet
130Kb / 10P
   Dual 4.5A Integrated Power Switch with Discharge and Reverse Current Blocking
SLG5NT1437V DIALOG-SLG5NT1437V Datasheet
147Kb / 10P
   Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
SLG59M610V DIALOG-SLG59M610V Datasheet
130Kb / 11P
   Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
SLG59M1571V DIALOG-SLG59M1571V Datasheet
169Kb / 8P
   Ultra-small 14.6 m廓 1.0 A GreenFET 3 Power Switch with Discharge and Reverse Blocking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com