Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG5NT1461V Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # SLG5NT1461V
Description  User selectable ramp rate with external capacitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG5NT1461V Datasheet(HTML) 6 Page - Dialog Semiconductor

Back Button SLG5NT1461V Datasheet HTML 2Page - Dialog Semiconductor SLG5NT1461V Datasheet HTML 3Page - Dialog Semiconductor SLG5NT1461V Datasheet HTML 4Page - Dialog Semiconductor SLG5NT1461V Datasheet HTML 5Page - Dialog Semiconductor SLG5NT1461V Datasheet HTML 6Page - Dialog Semiconductor SLG5NT1461V Datasheet HTML 7Page - Dialog Semiconductor SLG5NT1461V Datasheet HTML 8Page - Dialog Semiconductor SLG5NT1461V Datasheet HTML 9Page - Dialog Semiconductor SLG5NT1461V Datasheet HTML 10Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
000-005NT1461-102
Page 6 of 11
SLG5NT1461V
TSLEW vs. CAP @ VDD = 3.3 V
TSLEW vs. CAP @ VDD = 5.0 V
SLG5NT1461V TTotal_ON: ON (50%) - VS (90%)
VDD = 3.3 V, TA = 25 °C. CL = 10 μF, IDS = 100 mA
SLG5NT1461V TTotal_ON: ON (50%) - VS (90%)
VDD = 5.0 V, TA = 25 °C. CL = 10 μF, IDS = 100 mA
5
6
7
8
9
10
11
12
13
14
15
VD = 1.50V
VD = 2.50V
VD = 3.30V
0
1
2
3
4
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
16000
Cap (pf)
5
6
7
8
9
10
11
12
13
14
15
VD = 1.50V
VD = 2.50V
VD = 3.30V
VD = 5.00V
0
1
2
3
4
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
16000
Cap (pf)


Similar Part No. - SLG5NT1461V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG5NT1461V RENESAS-SLG5NT1461V Datasheet
301Kb / 12P
   Ultra-small 7.8 mW 6 A Load Switch with Discharge
February 7, 2022
SLG5NT1461VTR RENESAS-SLG5NT1461VTR Datasheet
301Kb / 12P
   Ultra-small 7.8 mW 6 A Load Switch with Discharge
February 7, 2022
More results

Similar Description - SLG5NT1461V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1432V DIALOG-SLG5NT1432V Datasheet
114Kb / 10P
   User selectable ramp rate with external capacitor
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_14 Datasheet
448Kb / 14P
   User-selectable Internal Organization
logo
Total Power Internation...
TPSU60 TOTAL-POWER-TPSU60 Datasheet
437Kb / 4P
   DUAL INPUT RANGE USER SELECTABLE
logo
Integrated Device Techn...
8413S12 IDT-8413S12 Datasheet
739Kb / 33P
   Selectable external crystal or differential
logo
RSG Electronic Componen...
HSU45-10 RSG-HSU45-10 Datasheet
277Kb / 4P
   DUAL INPUT RANGE USER SELECTABLE
logo
Maxim Integrated Produc...
MAX77812EVKIT MAXIM-MAX77812EVKIT Datasheet
1Mb / 28P
   5 User-selectable Phase Configurations
Rev 7; 3/19
logo
Zilog, Inc.
Z16C0110PSC ZILOG-Z16C0110PSC Datasheet
1Mb / 14P
   Eight User-Selectable Addressing Modes
logo
Integrated Device Techn...
8V41N010 IDT-8V41N010 Datasheet
697Kb / 26P
   Selectable external crystal or differential
logo
MMD Components
MVQIL2 MMD-MVQIL2 Datasheet
256Kb / 5P
   User Selectable Up to Two Frequencies
MQQIC2 MMD-MQQIC2 Datasheet
245Kb / 5P
   User Selectable Up to Four Frequencies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com