Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7047-1 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE7047-1
Description  1 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7047-1 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE7047-1_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7047-1_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7047-1_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7047-1_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
1 dB Fixed Attenuator, N Male to N Female Passivated Stainless
Steel Body Rated to 2 Watts Up to 12.4 GHz
PE7047-1
CAD Drawing
PE7047-1 REV 1.1


Similar Part No. - PE7047-1_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7047-10 PASTERNACK-PE7047-10 Datasheet
219Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-10 PASTERNACK-PE7047-10 Datasheet
231Kb / 4P
   10 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-10 PASTERNACK-PE7047-10_16 Datasheet
231Kb / 4P
   10 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-12 PASTERNACK-PE7047-12 Datasheet
219Kb / 3P
   12 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7047-12 PASTERNACK-PE7047-12 Datasheet
231Kb / 4P
   12 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
More results

Similar Description - PE7047-1_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7004-1 PASTERNACK-PE7004-1_16 Datasheet
241Kb / 4P
   1 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-6 PASTERNACK-PE7004-6_16 Datasheet
241Kb / 4P
   6 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-12 PASTERNACK-PE7004-12_16 Datasheet
241Kb / 4P
   12 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-7 PASTERNACK-PE7047-7_16 Datasheet
231Kb / 4P
   7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-40 PASTERNACK-PE7047-40_16 Datasheet
231Kb / 4P
   40 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-4 PASTERNACK-PE7004-4_16 Datasheet
241Kb / 4P
   4 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-9 PASTERNACK-PE7004-9_16 Datasheet
241Kb / 4P
   9 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-30 PASTERNACK-PE7047-30_16 Datasheet
231Kb / 4P
   30 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-2 PASTERNACK-PE7004-2_16 Datasheet
241Kb / 4P
   2 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-7 PASTERNACK-PE7004-7_16 Datasheet
240Kb / 4P
   7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com