Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2035U-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2035U-13
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2035U-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2035U-13 Datasheet HTML 1Page - Diodes Incorporated DMP2035U-13 Datasheet HTML 2Page - Diodes Incorporated DMP2035U-13 Datasheet HTML 3Page - Diodes Incorporated DMP2035U-13 Datasheet HTML 4Page - Diodes Incorporated DMP2035U-13 Datasheet HTML 5Page - Diodes Incorporated DMP2035U-13 Datasheet HTML 6Page - Diodes Incorporated DMP2035U-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP2035U
Document number: DS31830 Rev. 9 - 2
2 of 7
www.diodes.com
February 2018
© Diodes Incorporated
DMP2035U
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±10
V
Continuous Drain Current (Note 8) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-4.9
-4.0
A
Pulsed Drain Current (Note 9)
IDM
-24
A
Maximum Continuous Body Diode Forward Current (Note 8)
IS
-1.2
A
Pulsed Body Diode Forward Current (Note 9)
ISM
-24
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 7)
PD
0.81
W
Thermal Resistance, Junction to Ambient (Note 7)
RθJA
153.5
°C/W
Total Power Dissipation (Note 8)
PD
1.2
W
Thermal Resistance, Junction to Ambient (Note 8)
RθJA
100
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 10)
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-1.0
μA
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS
±10
μA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 10)
Gate Threshold Voltage
VGS(TH)
-0.4
-0.7
-1.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
23
30
41
35
45
62
m
Ω
VGS = -4.5V, ID = -4.0A
VGS = -2.5V, ID = -4.0A
VGS = -1.8V, ID = -2.0A
Forward Transfer Admittance
|Yfs|
14
s
VDS = -5V, ID = -4A
Diode Forward Voltage
VSD
-0.7
-1.0
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 11)
Input Capacitance
Ciss
1,610
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
157
pF
Reverse Transfer Capacitance
Crss
145
pF
Gate Resistance
Rg
9.45
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
15.4
nC
VGS = -4.5V, VDS = -10V,
ID = -4A
Gate-Source Charge
Qgs
2.5
nC
Gate-Drain Charge
Qgd
3.3
nC
Turn-On Delay Time
tD(ON)
16.8
ns
VDS = -10V, VGS = -4.5V,
RL = 10Ω, Rg = 6.0Ω, ID = -1A
Turn-On Rise Time
tR
12.4
ns
Turn-Off Delay Time
tD(OFF)
94.1
ns
Turn-Off Fall Time
tF
42.4
ns
Notes:
7. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
8. Device mounted on FR-4 substrate PC board, 2oz copper, with 25mm X 25mm square copper plate.
9. Repetitive rating, pulse width limited by junction temperature.
10. Short duration pulse test used to minimize self-heating effect.
11. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMP2035U-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2035U-7 DIODES-DMP2035U-7 Datasheet
257Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DS31830 Rev. 1 - 2
logo
ZP Semiconductor
DMP2035U-7 ZPSEMI-DMP2035U-7 Datasheet
195Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2035U-13

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com