Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

417338-9 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 417338-9
Description  Fiber Optic Attenuators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

417338-9 Datasheet(HTML) 6 Page - Tyco Electronics

  417338-9 Datasheet HTML 1Page - Tyco Electronics 417338-9 Datasheet HTML 2Page - Tyco Electronics 417338-9 Datasheet HTML 3Page - Tyco Electronics 417338-9 Datasheet HTML 4Page - Tyco Electronics 417338-9 Datasheet HTML 5Page - Tyco Electronics 417338-9 Datasheet HTML 6Page - Tyco Electronics 417338-9 Datasheet HTML 7Page - Tyco Electronics 417338-9 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Fiber Optic Attenuators
PDF Datasheet - Revised 11/01
Only available as PDF at:
http://www.amp.com/fiberoptics/documents/1309087.pdf
Copyright 2001 by Tyco Electronics. All Rights Reserved. AMP and Tyco are trademarks. Dimensions are in millimeters with inches in brackets.
Other products, logos, and Company names mentioned herein may be trademarks of their respective owners.
©
6
For drawings, technical data or samples, contact your Tyco Electronics sales engineer, call 1-800-522-6752, or visit our Website at:
http://www.amp.com/fiberoptics/attenuators/attenuator_family.stm. Specifications subject to change. Consult Tyco Electronics for latest specifications.
In Line Attenuators
Product Facts
n
A range of fixed attenuation
values. Standard values of
1 through 20, and 25 dB
n
UPC and APC offer
Excellent Return Loss
n
Attenuation is wavelength
independent and polarization
insensitive
n
Low PDL
n
Low modal noise
n
Long term reliability
n
<-60dB reflectance
(unconnectorized)
n
Low cost
n
Vibration resistant
n
Single and Dual Window
n
Designed to comply with
Bellcore GR-NWT-00910
Applications
n
Power leveling in DWDM
transmission systems
n
Test and Measurement
n
Power attenuation at the
receiver
Available Collateral
n
Product designed to meet
Bellcore 910
n
Customer Drawings
Customizable Features
n
Lead lengths
n
Connectorized types,
including LC, MU, SC, ST,
and FC
n
Available in Heavy Duty,
Medium Duty, and Light Duty
Tyco Electronics’ High Performance In
Line Attenuators utilize a unique all fiber
construction to absorb the optical signal.
By employing a Tyco Electronics’
technology, the design minimizes
reflectance, attenuation tolerance and
PDL while maximizing reliability, envi-
ronmental stability, and power handling.
There are no filters, air gaps, or core
mismatches.
Specifications
Attenuation Values —
1-20dB and 25 dB (Fixed)
Reflectance —
<-45dB, -50, -55 and -60dB for PC,
SPC, UPC and APC polish respectively
Operating Temperature —
-40°C to +75°C
Vibration Resistance —
<0.1 x attenuation


Similar Part No. - 417338-9

ManufacturerPart #DatasheetDescription
logo
Heyco.
4173 HEYCO-4173 Datasheet
121Kb / 1P
   Lockit™ Loops
logo
Anaren Microwave
41730 ANAREN-41730 Datasheet
219Kb / 3P
   Power Dividers
41730 ANAREN-41730 Datasheet
224Kb / 4P
   Power Dividers
41730 ANAREN-41730_14 Datasheet
224Kb / 4P
   Power Dividers
logo
List of Unclassifed Man...
417311 ETC-417311 Datasheet
457Kb / 2P
   GUARDAMOTORES
15/09/2022
More results

Similar Description - 417338-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8895 TEC-408-8895 Datasheet
256Kb / 2P
   Installation and Cleaning Procedures for Fiber Optic Buildout Attenuators
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com