Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2035U-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP2035U-7
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2035U-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP2035U-7 Datasheet HTML 1Page - Diodes Incorporated DMP2035U-7 Datasheet HTML 2Page - Diodes Incorporated DMP2035U-7 Datasheet HTML 3Page - Diodes Incorporated DMP2035U-7 Datasheet HTML 4Page - Diodes Incorporated DMP2035U-7 Datasheet HTML 5Page - Diodes Incorporated DMP2035U-7 Datasheet HTML 6Page - Diodes Incorporated DMP2035U-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMP2035U
Document number: DS31830 Rev. 9 - 2
4 of 7
www.diodes.com
February 2018
© Diodes Incorporated
DMP2035U
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (癈 )
A
0
0.2
0.4
0.6
0.8
1.2
1.0
I = -250礎
D
I = -1mA
D
100
1,000
10,000
0
2
4
6
8
10
12
14
16
18 20
Fig. 9 Typical Total Capacitance
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
Ciss
Crss
C
oss
0
2
4
6
8
10
12
14
16
18
20
0
0.3
0.6
0.9
1.2
1.5
Fig. 8 Diode Forward Voltage vs. Current
-V
, SOURCE-DRAIN VOLTAGE (V)
SD
-I
,
S
O
U
R
C
E
C
U
R
R
E
N
T
(
A
)
S
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
2
4
6
8
10
12
14
16
18
20
Fig. 10 Typical Leakage Current
vs. Drain-Source Voltage
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
-I
,
L
E
A
K
A
G
E
C
U
R
R
E
N
T
(
n
A
)
D
S
S
10
100
1,000
10,000
1
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
1
2
3
4
5
6
7
8
-V
, GATE-SOURCE VOLTAGE (V)
Fig. 11 Gate-Source Leakage Current vs. Voltage
GS
-I
,
L
E
A
K
A
G
E
C
U
R
R
E
N
T
(
n
A
)
G
S
S
10,000
1,000
100
10
0.1
1
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
ID= -250A
(°C)
1
2
3
4
5
6
7
8
VGSR, REVERSE GATE-SOURCE VOLTAGE (V)
Fig. 12 Reverse Gate-Source Leakage Current vs. Voltage
-I
,
L
E
A
K
A
G
E
C
U
R
R
E
N
T
(
n
A
)
G
S
S
10,000
1,000
100
10
0.1
1
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
-VGSR, REVERSE GATE-SOURCE VOLTAGE (V)
Fig. 12 Reverse Gate-Source Leakage Current vs. Voltage


Similar Part No. - DMP2035U-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2035U-7 DIODES-DMP2035U-7 Datasheet
257Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DS31830 Rev. 1 - 2
logo
ZP Semiconductor
DMP2035U-7 ZPSEMI-DMP2035U-7 Datasheet
195Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2035U-7

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com