Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2005UFG-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP2005UFG-13
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2005UFG-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP2005UFG-13 Datasheet HTML 1Page - Diodes Incorporated DMP2005UFG-13 Datasheet HTML 2Page - Diodes Incorporated DMP2005UFG-13 Datasheet HTML 3Page - Diodes Incorporated DMP2005UFG-13 Datasheet HTML 4Page - Diodes Incorporated DMP2005UFG-13 Datasheet HTML 5Page - Diodes Incorporated DMP2005UFG-13 Datasheet HTML 6Page - Diodes Incorporated DMP2005UFG-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMP2005UFG
Document number: DS38932 Rev. 2 - 2
4 of 7
www.diodes.com
November 2016
© Diodes Incorporated
DMP2005UFG
0
0.002
0.004
0.006
0.008
0.01
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
V
= -4.5V
GS
I = -15.0A
D
V
= -2.5V
GS
I = -10.0A
D
0
0.2
0.4
0.6
0.8
1
1.2
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE (°C)
J
Figure 8 Gate Threshold Variation vs. Junction Temperature
I = -1mA
D
I = -250µA
D
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T = 150 C
A
T = 125 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A
100
1000
10000
0
5
10
15
20
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
RDS(on)
Limited
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
P
= 100µs
W
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area
T
= 150°C
J (m ax )
T = 25°C
C
V
= -4.5V
GS
Single Pulse
DUT on 1 * MRP Board
0
2
4
6
8
10
0
20
40
60
80
100
120
140
V
= -10V
DS
I = -20A
D
V
G
A
T
E
T
H
R
E
S
H
O
L
D
V
O
L
T
A
G
E
(
V
)
G
S
Q , TOTAL GATE CHARGE (nC)
g
Figure 11 Gate Charge


Similar Part No. - DMP2005UFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2002UPS DIODES-DMP2002UPS Datasheet
648Kb / 7P
   High Conversion Efficiency
DMP2002UPS DIODES-DMP2002UPS Datasheet
371Kb / 8P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMP2002UPS DIODES-DMP2002UPS Datasheet
648Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP2002UPS-13 DIODES-DMP2002UPS-13 Datasheet
648Kb / 7P
   High Conversion Efficiency
DMP2002UPS-13 DIODES-DMP2002UPS-13 Datasheet
371Kb / 8P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
More results

Similar Description - DMP2005UFG-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com