Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2005UFG-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP2005UFG-7
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2005UFG-7 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP2005UFG-7 Datasheet HTML 1Page - Diodes Incorporated DMP2005UFG-7 Datasheet HTML 2Page - Diodes Incorporated DMP2005UFG-7 Datasheet HTML 3Page - Diodes Incorporated DMP2005UFG-7 Datasheet HTML 4Page - Diodes Incorporated DMP2005UFG-7 Datasheet HTML 5Page - Diodes Incorporated DMP2005UFG-7 Datasheet HTML 6Page - Diodes Incorporated DMP2005UFG-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMP2005UFG
Document number: DS38932 Rev. 2 - 2
6 of 7
www.diodes.com
November 2016
© Diodes Incorporated
DMP2005UFG
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI3333-8
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI3333-8
PowerDI3333-8
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0.00
0.05
0.02
A3


0.203
b
0.27
0.37
0.32
b2
0.15
0.25
0.20
D
3.25
3.35
3.30
D2
2.22
2.32
2.27
E
3.25
3.35
3.30
E2
1.56
1.66
1.61
E3
0.79
0.89
0.84
E4
1.60
1.70
1.65
e


0.65
L
0.35
0.45
0.40
L1


0.39
z


0.515
All Dimensions in mm
Dimensions
Value (in mm)
C
0.650
X
0.420
X1
0.420
X2
0.230
X3
2.370
Y
0.700
Y1
1.850
Y2
2.250
Y3
3.700
D
D2
E
e
b
E2
A
A3
Pin #1 ID
Seating Plane
L(4x)
A1
L1(3x)
b2(4x)
z(4x)
1
8
E3
E4
X3
Y3
X
Y
C
Y1
Y2
X1
X2
1
8


Similar Part No. - DMP2005UFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2002UPS DIODES-DMP2002UPS Datasheet
648Kb / 7P
   High Conversion Efficiency
DMP2002UPS DIODES-DMP2002UPS Datasheet
371Kb / 8P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMP2002UPS DIODES-DMP2002UPS Datasheet
648Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP2002UPS-13 DIODES-DMP2002UPS-13 Datasheet
648Kb / 7P
   High Conversion Efficiency
DMP2002UPS-13 DIODES-DMP2002UPS-13 Datasheet
371Kb / 8P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
More results

Similar Description - DMP2005UFG-7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com