Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP21D0UFB Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP21D0UFB
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP21D0UFB Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP21D0UFB Datasheet HTML 1Page - Diodes Incorporated DMP21D0UFB Datasheet HTML 2Page - Diodes Incorporated DMP21D0UFB Datasheet HTML 3Page - Diodes Incorporated DMP21D0UFB Datasheet HTML 4Page - Diodes Incorporated DMP21D0UFB Datasheet HTML 5Page - Diodes Incorporated DMP21D0UFB Datasheet HTML 6Page - Diodes Incorporated DMP21D0UFB Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMP21D0UFB
Datasheet Number: DS35277 Rev. 4 - 2
6 of 7
www.diodes.com
June 2017
© Diodes Incorporated
DMP21D0UFB
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-3
L3
L1
L2
e
b
D
E
A
z
b2
A1
Seating Plane
Pin #1 ID
X1-DFN1006-3
Dim
Min
Max Typ
A
0.47 0.53 0.50
A1
0.00 0.05 0.03
b
0.10 0.20 0.15
b2
0.45 0.55 0.50
D
0.95 1.075 1.00
E
0.55 0.675 0.60
e
-
-
0.35
L1
0.20 0.30 0.25
L2
0.20 0.30 0.25
L3
-
-
0.40
z
0.02 0.08 0.05
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-DFN1006-3
C
Y1
X1
X
G2
Y
G1
Dimensions
Value (in mm)
C
0.70
G1
0.30
G2
0.20
X
0.40
X1
1.10
Y
0.25
Y1
0.70


Similar Part No. - DMP21D0UFB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB Datasheet
155Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP21D0UFB-7B DIODES-DMP21D0UFB-7B Datasheet
155Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP21D0UFB4 DIODES-DMP21D0UFB4 Datasheet
155Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP21D0UFB4 DIODES-DMP21D0UFB4 Datasheet
399Kb / 9P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP21D0UFB4-7B DIODES-DMP21D0UFB4-7B Datasheet
155Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP21D0UFB

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com