Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3300N Datasheet(PDF) 2 Page - ebm-papst

Part No. 3300N
Description  DC axial fans
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EBMPAPST [ebm-papst]
Homepage  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

3300N Datasheet(HTML) 2 Page - ebm-papst

  3300N Datasheet HTML 1Page - ebm-papst 3300N Datasheet HTML 2Page - ebm-papst 3300N Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
164
Speed signal /2
– Speed-proportional rectangular pulse for external speed monitoring of fan motor
– 2, 3 or 6 pulses per revolution
– Open collector signal output
– Extremely wide operating voltage range
– Easy adaptation to user interface
– Connection via separate lead
– The sensor signal also serves as a major comparison variable for setting and
maintaining the setpoint speed for interactive or controlled cooling with one or
several interconnected fans.
Electrical connection
All voltages measured to ground.
External load resistor Ra / US / UBS required.
Alle TD Lüfter. Bsp.: 6400 TD
Signal data
Type
VDC
mA
VDC
mA
VDC
mA
Page
250
0,4
2
30
0
30
2
2
31
400 F
0,4
1
30
0
30
2
2
32
400
0,4
1
30
0
30
2
2
33
420 J
0,4
2
15
0
15
4
2
34
500 F
0,4
1
30
0
30
2
2
35
600 F
0,4
1
30
0
30
2
2
36
620
0,4
2
30
0
30
4
2
37
630 U
0,4
2
30
0
30
4
2
38
600 N
0,4
2
28
0
28
4
2
39
600 J
0,4
2
30
0
30
4
2
41
700 F
0,4
2
30
0
30
4
2
42
8450
0,4
2
28
0
28
4
2
43
8400 N
0,4
2
28
0
28
4
2
44
8400 N VARIOFAN
0,4
2
30
0
30
4
2
45
8300
0,4
2
30
0
30
4
2
46
8200 J
0,4
2
30
0
30
4
2
47
3400 N
0,4
2
28
0
28
4
2
48
3400 N VARIOFAN
0,4
2
30
0
30
4
2
49
3300
0,4
2
30
0
30
4
2
50
3300 N
0,4
2
30
0
30
4
2
51
3212 J / 3214 J
0,4
2
30
0
30
4
2
52
3218 J
0,4
2
60
0
60
4
2
52
3250 J
0,4
2
60
0
60
4
3
53
4412 F / 4414 F
0,4
2
30
0
30
4
2
54
4418 F
0,4
2
60
0
60
4
2
54
4400 FN
0,4
2
30
0
30
4
2
55
4312 / 4314
0,4
2
30
0
30
4
2
56
4318
0,4
2
60
0
60
4
2
56
4312 / 4314 VARIOFAN
0,4
2
30
0
30
4
2
57
4318 VARIOFAN
0,4
2
60
0
60
4
2
57
4400
0,4
2
30
0
30
4
2 58/59
4100 N
0,4
2
30
0
30
4
2
60
4100 NHH...NH6
0,4
2
60
0
60
10
2
61
4100 NH7...NH8
0,4
2
60
0
60
20
3
62
DV 4100
0,4
2
30
0
30
4
2
63
Subject to alternations
Ra


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn