Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC58FVT321FT-70 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC58FVT321FT-70
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVT321FT-70 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC58FVT321FT-70 Datasheet HTML 1Page - Toshiba Semiconductor TC58FVT321FT-70 Datasheet HTML 2Page - Toshiba Semiconductor TC58FVT321FT-70 Datasheet HTML 3Page - Toshiba Semiconductor TC58FVT321FT-70 Datasheet HTML 4Page - Toshiba Semiconductor TC58FVT321FT-70 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVT321FT-70 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVT321FT-70 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVT321FT-70 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVT321FT-70 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
TC58FVT321/B321FT/XB-70,-10
2002-08-06
5/48
COMMAND SEQUENCES
FIRST BUS
WRITE CYCLE
SECOND BUS
WRITE CYCLE
THIRD BUS
WRITE CYCLE
FOURTH BUS
WRITE CYCLE
FIFTH BUS
WRITE CYCLE
SIXTH BUS
WRITE CYCLE
COMMAND
SEQUENCE
BUS
WRITE
CYCLES
REQ’D
Addr.
Data
Addr.
Data
Addr.
Data
Addr.
Data
Addr.
Data
Addr.
Data
Read/Reset
1
XXXH
F0H
Word
555H
2AAH
555H
Read/Reset
Byte
3
AAAH
AAH
555H
55H
AAAH
F0H
RA
(1)
RD
(2)
Word
555H
2AAH
BK
(3)
+
555H
ID Read
Byte
3
AAAH
AAH
555H
55H
BK
(3)
+
AAAH
90H
IA
(4)
ID
(5)
Word
555H
2AAH
555H
Auto-Program
Byte
4
AAAH
AAH
555H
55H
AAAH
A0H
PA
(6)
PD
(7)
Program Suspend
1
BK
(3)
B0H
Program Resume
1
BK
(3)
30H
Word
555H
2AAH
555H
555H
2AAH
555H
Auto Chip
Erase
Byte
6
AAAH
AAH
555H
55H
AAAH
80H
AAAH
AAH
555H
55H
AAAH
10H
Word
555H
2AAH
555H
555H
2AAH
Auto Block
Erase
Byte
6
AAAH
AAH
555H
55H
AAAH
80H
AAAH
AAH
555H
55H
BA
(8)
30H
Block Erase Suspend
1
BK
(3)
B0H
Block Erase Resume
1
BK
(3)
30H
Block Protect 2
4
XXXH
60H
BPA
(9)
60H
XXXH
40H
BPA
(9)
BPD
(10)
Word
555H
2AAH
BK
(3)
+
555H
Verify Block
Protect
Byte
3
AAAH
AAH
555H
55H
BK
(3)
+
AAAH
90H
BPA
(9)
BPD
(10)
Word
555H
2AAH
555H
Fast Program
Set
Byte
3
AAAH
AAH
555H
55H
AAAH
20H
Fast Program
2
XXXH
A0H
PA
(6)
PD
(7)
Fast Program Reset
2
XXXH
90H
XXXH
F0H
(13)
Word
555H
2AAH
555H
Hidden ROM
Mode Entry
Byte
3
AAAH
AAH
555H
55H
AAAH
88H
Word
555H
2AAH
555H
Hidden ROM
Program
Byte
4
AAAH
AAH
555H
55H
AAAH
A0H
PA
(6)
PD
(7)
Word
555H
2AAH
555H
555H
2AAH
Hidden ROM
Erase
Byte
6
AAAH
AAH
555H
55H
AAAH
80H
AAAH
AAH
555H
55H
BA
(8)
30H
Word
555H
2AAH
555H
Hidden ROM
Mode Exit
Byte
4
AAAH
AAH
555H
55H
AAAH
90H
XXXH
00H
Word
BK
(3)
+
55H
Query
Command
Byte
2
BK
(3)
+
AAH
98H
CA
(11)
CD
(12)
Notes: The system should generate the following address patterns:
Word Mode: 555H or 2AAH on address pins A10~A0
Byte Mode: AAAH or 555H on address pins A10~A-1
DQ8~DQ15 are ignored in Word Mode.
(1) RA: Read Address
(2) RD: Read Data
(3) BK: Bank Address
= A20~A15
(4) IA:
Bank Address and ID Read Address (A6, A1, A0)
Bank Address
= A20~A15
Manufacturer Code
= (0, 0, 0)
Device Code
= (0, 0, 1)
(5) ID:
ID Data
(6) PA: Program Address
(7) PD: Program Data
(8) BA: Block Address
= A20~A12
(9) BPA: Block Address and ID Read Address (A6, A1, A0)
Block Address
= A20~A12
ID Read Address
= (0, 1, 0)
(10) BPD: Verify Data
(11) CA: CFI Address
(12) CD:CFI Data
(13) F0H: 00H is valid too


Similar Part No. - TC58FVT321FT-70

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT321 TOSHIBA-TC58FVT321 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
More results

Similar Description - TC58FVT321FT-70

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
TC58FVT160 TOSHIBA-TC58FVT160 Datasheet
1Mb / 29P
   16-MBIT (2M x 8 BITS/1M x 16 BITS) CMOS FLASH MIMORY
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
   8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
   16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC5832FT TOSHIBA-TC5832FT Datasheet
1Mb / 38P
   32 MBIT (4M X 8 BITS) CMOS NAND E2PROM
TC58FVT641 TOSHIBA-TC58FVT641 Datasheet
593Kb / 53P
   64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com