Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1261F Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TB1261F
Description  TOSHIBA BiCMOS INTEGRATED CIRCUIT, SILICON MONOLITHIC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1261F Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TB1261F Datasheet HTML 5Page - Toshiba Semiconductor TB1261F Datasheet HTML 6Page - Toshiba Semiconductor TB1261F Datasheet HTML 7Page - Toshiba Semiconductor TB1261F Datasheet HTML 8Page - Toshiba Semiconductor TB1261F Datasheet HTML 9Page - Toshiba Semiconductor TB1261F Datasheet HTML 10Page - Toshiba Semiconductor TB1261F Datasheet HTML 11Page - Toshiba Semiconductor TB1261F Datasheet HTML 12Page - Toshiba Semiconductor TB1261F Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
TB1261F/TB1262F
2002-6-30 9 / 66
Pin
#
Description
35
(31)
DIG. VDD ;
DIG. VDD ;
DIG. VDD ;
DIG. VDD ;
A Vdd terminal for of digital block. Supply
HVcc voltage through 270 ohms of resistance.
The coupling capacitor should be 10uF or less,
in order to keep rise up time good enough.
The voltage of this terminal is clipped to
approximately 3.3V by the internal regulator.
36
QFP
only
Da
Da
Da
Dac2;
c2;
c2;
c2;
A terminal to be output High/ Low status by an
open collector interface. The pull up resistance
should be fixed as a sink current is 1mA or less
and the voltage is less than the voltage of H
Vcc.
37
(32)
FBP IN;
FBP IN;
FBP IN;
FBP IN;
An input terminal for FBP. V/GP pulses are
output over this FBP.
The Threshold levels are;
1.4 V ;
for Blanking
3.7 V;
for HAFC2
38
nc;
39
(33)
H OUT;
H OUT;
H OUT;
H OUT;
An output terminal for horizontal driving
pulses.;
40
QFP
only
VD OUT;
VD OUT;
VD OUT;
VD OUT;
An output terminal for VD pulses. The pulses
are 3V for its level.
41
QFP
only
HD OUT;
HD OUT;
HD OUT;
HD OUT;
An output terminal fot HD pulses. GP Pulses
are overlaid as SCP.
Also BPP is overlaid to stop black stretch
detecting.
Those levels are
5V;
for GP out
3V;
for HD out
0.7V;
for BPP in
42
QFP
only
Sync out;
Sync out;
Sync out;
Sync out;
An output terminal of the sliced sync pulses.
Pull up this pin with 5.1kΩ of resistance.
43
(34)
H AFC
H AFC
H AFC
H AFC F
F
F
Filter
ilter
ilter
ilter;;;;
A terminal should be connected with H. AFC
Filter. The DC voltage of this pin controls the H
VCO frequency.
44
QFP
only
Y3/CVBS3 IN;
Y3/CVBS3 IN;
Y3/CVBS3 IN;
Y3/CVBS3 IN;
An alternative input terminal for;
-
Y + Sync signals of Y/Cb/Cr_3
-
Or CVBS_3
Those two are selected by IICBUS
This terminal is clamped by charging /
discharging the coupling capacitors. It is
recommended that input impedance is kept at
or below 100Ω. Input level 1Vp-p/140IRE
45
(35)
H VCC (9V);
H VCC (9V);
H VCC (9V);
H VCC (9V);
A Vcc terminal for DEF circuit, HOUT, IICBUS
POR, etc. Supply 9V.;
Pin
#
Description
46
(36)
V RAMP;
V RAMP;
V RAMP;
V RAMP;
A terminal should be connected with a capacitor
to generate the V.Ramp signal.Connect this pin
to GND via 0.47uF.The V.Ramp amplitude is
kept constant by the V.AGC.;
47
(37)
V OUT;
V OUT;
V OUT;
V OUT;
An output terminal for the vertical saw tooth
wave.
48
49
QFP
only
Cb3 IN;
Cb3 IN;
Cb3 IN;
Cb3 IN;
Cr3 IN;
Cr3 IN;
Cr3 IN;
Cr3 IN;
Input terminals for ;
-
Cb and Cr signals of Y/Cb/Cr_3
These terminals are clamped by charging /
discharging the coupling capacitors. It is
recommended that input impedance is kept at
or below 100Ω.
50
(38)
DIG GND;
DIG GND;
DIG GND;
DIG GND;
A GND terminal for digital block.;
51
52
(39)
(40)
Cr OUT;
Cr OUT;
Cr OUT;
Cr OUT;
Cb OUT;
Cb OUT;
Cb OUT;
Cb OUT;
Output terminals for demodulated Cb and Cr
signals.
53
(41)
Y/Mon OUT
Y/Mon OUT
Y/Mon OUT
Y/Mon OUT
An alternative output terminal for;
-
Y signal after Y1 process
-
Or Mon out after selector
Those two are selected by IICBUS
54
(42)
BLACK DET;
BLACK DET;
BLACK DET;
BLACK DET;
A terminal should be connected with Black
level detecting filter for black stretch. This
terminal voltage controls the Black stretching
gain. The IIC Bus controls the on/off and start
point of the Black stretch. ;
55
(43)
Y2/CVBS2/G IN
Y2/CVBS2/G IN
Y2/CVBS2/G IN
Y2/CVBS2/G IN
An alternative input terminal for;
-
Y + Sync signals of Y/Cb/Cr_2 in
-
Or CVBS_2
-
Or G signal of Scart Y/R/G/B in
Those three are selected by IICBUS.
These terminals are clamped by charging /
discharging the coupling capacitors. It is
recommended that input impedance is kept at
or below 100Ω.
56
57
(44)
(45)
Cb2/B IN;
Cb2/B IN;
Cb2/B IN;
Cb2/B IN;
Cr2/R IN;
Cr2/R IN;
Cr2/R IN;
Cr2/R IN;
Alternative input terminals for;
-
Cb and Cr signals of Y/Cb/Cr_2
-
Or R and B signal of Scart Y/R/G/B in
Those three are selected by IICBUS
These terminals are clamped by charging /
discharging the coupling capacitors. It is
recommended that input impedance is kept at
or below 100Ω.
58
(46)
C
C
C
C----IN;
IN;
IN;
IN;
An input terminal for chroma signal (standard
burst amplitude level 286mVp-p). The dc level
of this pin can be read by bus to detect if S port
is connected or not.;


Similar Part No. - TB1261F

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1263A TAI-SAW-TB1263A Datasheet
334Kb / 7P
   SAW Filter 112MHz 1.0MHz BW (SMD 7.0횞5.0mm)
TB1265A TAI-SAW-TB1265A Datasheet
383Kb / 8P
   IF SAW Filter 256MHz SMD 7.0X5.0mm
More results

Similar Description - TB1261F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB9044AFNG TOSHIBA-TB9044AFNG Datasheet
740Kb / 42P
   TOSHIBA BiCMOS Integrated Circuit Silicon Monolithic
2019-12-10
TB9083FTG TOSHIBA-TB9083FTG Datasheet
2Mb / 131P
   Toshiba BiCMOS Linear Integrated Circuits — silicon monolithic
2022-11-22 Rev.1.6
TB6674PG TOSHIBA-TB6674PG Datasheet
522Kb / 21P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
TB6600FG TOSHIBA-TB6600FG Datasheet
1Mb / 36P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2014-03-03
TB67H400AFNG TOSHIBA-TB67H400AFNG Datasheet
372Kb / 24P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2016-12-22
TB67S209FTG TOSHIBA-TB67S209FTG Datasheet
559Kb / 30P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2016-10-27
TB62208FNG TOSHIBA-TB62208FNG Datasheet
441Kb / 25P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2011-01-28
TB67S508FTG TOSHIBA-TB67S508FTG Datasheet
559Kb / 33P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2017-03-01
TB62214FG TOSHIBA-TB62214FG Datasheet
696Kb / 27P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2010-06-10
TB62216FG TOSHIBA-TB62216FG Datasheet
489Kb / 24P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2012-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com