Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS10145T100MNVV Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # NS10145T100MNVV
Description  SMD Power Inductors for Automotive / Industrial Applications (NS series)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NS10145T100MNVV Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  NS10145T100MNVV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NS10145T100MNVV Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
PrintPDF
SMD Power Inductors for Automotive / Industrial Applications (NS series)
NS10145T100MNVV
Features
Item Summary
10uH±20%, 3.1A, 10.1x10.1x4.5mm
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping Embossed 2000pcs(500pcs*4reel)
Products characteristics table
Inductance
10 uH ± 20 %
Case Size (mm)
10.1x10.1
Rated Current (max)
3.1 A
Saturation Current (max)
4.22 A
Temperature Rise Current (max)
3.1 A
DC Resistance (max)
32.4 mΩ
DC Resistance (typ)
27 mΩ
LQ Measuring Frequency
100 kHz
Self Resonant Frequency (min)
21.6 MHz
Operating Temp. Range
-40 to +125 ℃
(Including-self-generated heat)
Temperature characteristic
± 15 %
(Inductance change)
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (181 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
10.1 ±0.3 mm
Dimension W
10.1 ±0.3 mm
Dimension H
4.5 ±0.35 mm
Dimension a
2.8 ±0.1 mm
Dimension b
2.0 ±0.15 mm
Recommended Land Patterns
2018.02.26
1 / 1


Similar Part No. - NS10145T100MNVV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NS10145T100MNV TAIYO-YUDEN-NS10145T100MNV Datasheet
154Kb / 1P
   SMD Power Inductors for Automotive
NS10145T100MNV8 TAIYO-YUDEN-NS10145T100MNV8 Datasheet
316Kb / 3P
   SMD Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (NS series)
More results

Similar Description - NS10145T100MNVV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NS10145T470MNVV TAIYO-YUDEN-NS10145T470MNVV Datasheet
294Kb / 2P
   SMD Power Inductors for Automotive / Industrial Applications (NS series)
NS10155T4R7NNVV TAIYO-YUDEN-NS10155T4R7NNVV Datasheet
294Kb / 2P
   SMD Power Inductors for Automotive / Industrial Applications (NS series)
NS10165T100MNVV TAIYO-YUDEN-NS10165T100MNVV Datasheet
294Kb / 2P
   SMD Power Inductors for Automotive / Industrial Applications (NS series)
NS10145T5R6NNVV TAIYO-YUDEN-NS10145T5R6NNVV Datasheet
294Kb / 2P
   SMD Power Inductors for Automotive / Industrial Applications (NS series)
NS10145T151MNVV TAIYO-YUDEN-NS10145T151MNVV Datasheet
294Kb / 2P
   SMD Power Inductors for Automotive / Industrial Applications (NS series)
NS10145T1R0NNVV TAIYO-YUDEN-NS10145T1R0NNVV Datasheet
294Kb / 2P
   SMD Power Inductors for Automotive / Industrial Applications (NS series)
NS10145T220MNVV TAIYO-YUDEN-NS10145T220MNVV Datasheet
294Kb / 2P
   SMD Power Inductors for Automotive / Industrial Applications (NS series)
NS10165T6R8NNVV TAIYO-YUDEN-NS10165T6R8NNVV Datasheet
294Kb / 2P
   SMD Power Inductors for Automotive / Industrial Applications (NS series)
NS10145T152MNVV TAIYO-YUDEN-NS10145T152MNVV Datasheet
294Kb / 2P
   SMD Power Inductors for Automotive / Industrial Applications (NS series)
NS10145T221MNVV TAIYO-YUDEN-NS10145T221MNVV Datasheet
294Kb / 2P
   SMD Power Inductors for Automotive / Industrial Applications (NS series)
NS10145T2R2NNVV TAIYO-YUDEN-NS10145T2R2NNVV Datasheet
294Kb / 2P
   SMD Power Inductors for Automotive / Industrial Applications (NS series)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com