Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1245N Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TB1245N
Description  TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1245N Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TB1245N Datasheet HTML 9Page - Toshiba Semiconductor TB1245N Datasheet HTML 10Page - Toshiba Semiconductor TB1245N Datasheet HTML 11Page - Toshiba Semiconductor TB1245N Datasheet HTML 12Page - Toshiba Semiconductor TB1245N Datasheet HTML 13Page - Toshiba Semiconductor TB1245N Datasheet HTML 14Page - Toshiba Semiconductor TB1245N Datasheet HTML 15Page - Toshiba Semiconductor TB1245N Datasheet HTML 16Page - Toshiba Semiconductor TB1245N Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
TB1245N
2001-07-26
13
BUS CONTROL FUNCTION
WRITE FUNCTION
ITEM
DESCRIPTION
NUMBER
OF BITS
VARIABLE RANGE
PRESET VALUE
UNI-COLOR
8 bit
−18 dB~0 dB
80h CENTER VALUE
BRIGHT
8 bit
−40 IRE ~ 40 IRE
80h CENTER VALUE
COLOR
8 bit
~4 dB
80h 0 dB
N COMB
1H addition selection
1 bit
OFF / ADD
00h OFF
TINT
7 bit
−32°~32°
40h 0°
P / N ID
P / N IDENT sensitivity
control
1 bit
Normal / Low
(DIGITAL Comb
FILTER use : −3 dB)
00h NORMAL
BLK SW
Blanking ON / OFF
1 bit
ON / OFF
00h ON
SHARPNESS
6 bit
~14 dB
20h +3 dB
S-D-Trap
SECAM double trap
ON / OFF
1 bit
ON / OFF
01h OFF
R-Mon
TEXT-11 dB pre-amplification
UV output
1 bit
Normal / Monitor (Pin 36)
00h Normal
B-Mon
TEXT-11 dB pre-amplification
UV output
1 bit
Normal / Monitor (Pin 35)
00h Normal
Y SUB CONTRAST
5 bit
−3 dB~+3 dB
10h 0 dB
RGB-CONTRAST
EXT RGB UNI-COLOR
control
8 bit
−18 dB~0 dB
80h CENTER VALUE
OSD LEVEL
2 bit
2.15, 2.27, 2.38, 2.50 Vp-p
00h 2.15 Vp-p
γ ON / OFF
1 bit
OFF / ON (95 IRE)
00h ON
WPL
White peak limit level
1 bit
ON (130 IRE) / OFF
00h 130 IRE
DRG SW
Drive reference axis selection
1 bit
R / G
00h R
BLUE BACK
Luminance selector switch
2 bit
IRE ; OFF, 40, 50, 60
00h OFF
Y-DL
Y-DL TIME
(280, 330, 380, 430, 480)
3 bit
280~480 ns after Y IN
(101H~111H : Not used)
02h 380 ns
G DRIVE GAIN
8 bit
−5 dB~3 dB
80h CENTER VALUE
B DRIVE GAIN
8 bit
−5 dB~3 dB
80h CENTER VALUE
HORIZONTAL
POSITION
Horizontal position
adjustment
5 bit
−3 µs~+3 µs
10h 0 µs


Similar Part No. - TB1245N

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1245A TAI-SAW-TB1245A Datasheet
136Kb / 5P
   SAW Filter 63.5MHz 6MHz BW (Plastic Dip 17.2 x 8.9 mm)
More results

Similar Description - TB1245N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB9067FNG TOSHIBA-TB9067FNG Datasheet
3Mb / 31P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-02-05
TB31262F TOSHIBA-TB31262F Datasheet
273Kb / 26P
   TOSHIBA Bi- CMOS Integrated Circuit Silicon Monolithic
logo
Marktech Corporate
TB62713N MARKTECH-TB62713N Datasheet
770Kb / 20P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
logo
Toshiba Semiconductor
TB32301 TOSHIBA-TB32301 Datasheet
1Mb / 17P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB9058FNG TOSHIBA-TB9058FNG Datasheet
676Kb / 45P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-02-22
logo
Marktech Corporate
TB62747AFG MARKTECH-TB62747AFG_15 Datasheet
317Kb / 20P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
logo
Toshiba Semiconductor
TB6585FG TOSHIBA-TB6585FG Datasheet
492Kb / 29P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB9062FNG TOSHIBA-TB9062FNG Datasheet
858Kb / 30P
   Toshiba Bi-CMOS integrated circuit silicon monolithic
2019-08-05
TB6605FTG TOSHIBA-TB6605FTG Datasheet
1Mb / 24P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2015-04-23
TB9061AFNG TOSHIBA-TB9061AFNG Datasheet
678Kb / 33P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com