Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1245N Datasheet(PDF) 76 Page - Toshiba Semiconductor

Part # TB1245N
Description  TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1245N Datasheet(HTML) 76 Page - Toshiba Semiconductor

Back Button TB1245N Datasheet HTML 72Page - Toshiba Semiconductor TB1245N Datasheet HTML 73Page - Toshiba Semiconductor TB1245N Datasheet HTML 74Page - Toshiba Semiconductor TB1245N Datasheet HTML 75Page - Toshiba Semiconductor TB1245N Datasheet HTML 76Page - Toshiba Semiconductor TB1245N Datasheet HTML 77Page - Toshiba Semiconductor TB1245N Datasheet HTML 78Page - Toshiba Semiconductor TB1245N Datasheet HTML 79Page - Toshiba Semiconductor TB1245N Datasheet HTML 80Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
TB1245N
2001-07-26
76
TEST CONDITION (Unless otherwise specified : H, RGB VCC = 9V ; VDD, Fsc VDD, Y / C VCC = 5V ; Ta = 25±3°C ; BUS = preset value)
SW MODE
SUB-ADDRESS & BUS DATA
NOTE
ITEM
S21 S22 S31 S33 S34 S51 S42
00H 02H 05H 1CH 08H 1DH
MEASURING METHOD
(1) Input 0.3 V synchronizing signal to pin 48 (Sync IN).
(2) Input 100 kHz, 0.3 Vp-p sine wave signal to both pin 33 (B-Y IN)
and pin 34 (R-Y IN).
(3) Connect pin 21 (Digital Ys) and pin 22 (Analog Ys) to ground.
(4) Set bus data so that drive is at center value, Y mute is on and color
limiter is OFF.
(5) While changing bus data on
unicolor from maximum (FF) to
minimum (00), measure maximum
and minimum amplitudes of pin 12
(B OUT) in video period
respectively, and read the bus data
together with. Also, measure
respective amplitudes as unicolor
data is set at center value (80).
(Vn12mx, Vn12mn, D12n80)
(Vn14mx, Vn14mn, D14n80)
T7
Unicolor Control
Characteristic
B
B
B
B
B
A
FFH
80H
00H
80H
3FH
(6) Find ratio between amplitude with maximum unicolor data and that
with minimum unicolor data in conversion into decibel (∆V14un).
T8
Relative Amplitude
(NTSC)
A
A
A
A
FFH
While inputting rainbow color bar signal (3.58 MHz for NTSC) to pin 42
and 0.3 V synchronizing signal to pin 48 so that video amplitude of pin
33 is 0.38 Vp-p, find the relative amplitude.
(Mnr-b = Vu14mx / Vu12mx, Mng-b = Vu13mx / Vu12mx)
T9
Relative Phase
(NTSC)
(1) In the test condition of the Note T8, adjust bus data on tint so that
output of pin 12 (B OUT) has the peak level in the 6th bar.
(2) Regarding the phase of pin 12 (B OUT) as a reference phase, find
comparative phase differences of pin 14 (R OUT) and pin 13 (G
OUT) from the reference phase respectively (θnr-b, θng-b).


Similar Part No. - TB1245N

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1245A TAI-SAW-TB1245A Datasheet
136Kb / 5P
   SAW Filter 63.5MHz 6MHz BW (Plastic Dip 17.2 x 8.9 mm)
More results

Similar Description - TB1245N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB9067FNG TOSHIBA-TB9067FNG Datasheet
3Mb / 31P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-02-05
TB31262F TOSHIBA-TB31262F Datasheet
273Kb / 26P
   TOSHIBA Bi- CMOS Integrated Circuit Silicon Monolithic
logo
Marktech Corporate
TB62713N MARKTECH-TB62713N Datasheet
770Kb / 20P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
logo
Toshiba Semiconductor
TB32301 TOSHIBA-TB32301 Datasheet
1Mb / 17P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB9058FNG TOSHIBA-TB9058FNG Datasheet
676Kb / 45P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-02-22
logo
Marktech Corporate
TB62747AFG MARKTECH-TB62747AFG_15 Datasheet
317Kb / 20P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
logo
Toshiba Semiconductor
TB6585FG TOSHIBA-TB6585FG Datasheet
492Kb / 29P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB9062FNG TOSHIBA-TB9062FNG Datasheet
858Kb / 30P
   Toshiba Bi-CMOS integrated circuit silicon monolithic
2019-08-05
TB6605FTG TOSHIBA-TB6605FTG Datasheet
1Mb / 24P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2015-04-23
TB9061AFNG TOSHIBA-TB9061AFNG Datasheet
678Kb / 33P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2019-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com