Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C2360-48 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C2360-48
Description  SMA Male to BNC Male Cable 48 Inch Length Using RG316 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2360-48 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C2360-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2360-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2360-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2360-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3C2360
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C2360-12 = 12 inches long cable
PE3C2360-100cm = 100 cm long cable
SMA Male to BNC Male Cable 48 Inch Length Using RG316 Coax from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to BNC Male Cable 48 Inch Length Using RG316 Coax PE3C2360-48
URL:
https://www.pasternack.com/sma-male-bnc-male-rg316u-cable-assembly-pe3c2360-48-p.aspx
PE3C2360-48 REV 1.0
RF Cable Assemblies Technical Data Sheet
SMA Male to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C2360-48


Similar Part No. - PE3C2360-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2360-12 PASTERNACK-PE3C2360-12 Datasheet
369Kb / 4P
   SMA Male to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3C2360-24 PASTERNACK-PE3C2360-24 Datasheet
369Kb / 4P
   SMA Male to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C2360-36 PASTERNACK-PE3C2360-36 Datasheet
369Kb / 4P
   SMA Male to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C2360-60 PASTERNACK-PE3C2360-60 Datasheet
369Kb / 4P
   SMA Male to BNC Male Cable 60 Inch Length Using RG316 Coax
PE3C2360-72 PASTERNACK-PE3C2360-72 Datasheet
369Kb / 4P
   SMA Male to BNC Male Cable 72 Inch Length Using RG316 Coax
More results

Similar Description - PE3C2360-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2416-48 PASTERNACK-PE3C2416-48 Datasheet
374Kb / 4P
   BNC Male to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3573-48 PASTERNACK-PE3573-48 Datasheet
361Kb / 4P
   SMA Male to SMA Male Cable 48 Inch Length Using RG316 Coax
PE3C3350-48 PASTERNACK-PE3C3350-48 Datasheet
370Kb / 4P
   SMA Male Right Angle to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C3413-48 PASTERNACK-PE3C3413-48 Datasheet
367Kb / 4P
   Reverse Polarity SMA Male to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C3393-48 PASTERNACK-PE3C3393-48 Datasheet
364Kb / 4P
   TNC Male to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3234-48 PASTERNACK-PE3234-48 Datasheet
654Kb / 4P
   SMA Male to N Male Cable 48 Inch Length Using RG316 Coax
PE3C2360-36 PASTERNACK-PE3C2360-36 Datasheet
369Kb / 4P
   SMA Male to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C2360-60 PASTERNACK-PE3C2360-60 Datasheet
369Kb / 4P
   SMA Male to BNC Male Cable 60 Inch Length Using RG316 Coax
PE3C2360-12 PASTERNACK-PE3C2360-12 Datasheet
369Kb / 4P
   SMA Male to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3234LF-48 PASTERNACK-PE3234LF-48 Datasheet
659Kb / 4P
   SMA Male to N Male Cable 48 Inch Length Using RG316 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com