Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW3600 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # IW3600
Description  AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3600 Datasheet(HTML) 1 Page - Dialog Semiconductor

  IW3600 Datasheet HTML 1Page - Dialog Semiconductor IW3600 Datasheet HTML 2Page - Dialog Semiconductor IW3600 Datasheet HTML 3Page - Dialog Semiconductor IW3600 Datasheet HTML 4Page - Dialog Semiconductor IW3600 Datasheet HTML 5Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
iW3600 Product Summary
AC/DC Digital Power Controller for
Single-Stage High Power Factor Dimmable LED Drivers
Rev. 1.1
iW3600
© 2014 Dialog Semiconductor (UK) Ltd.
Product Summary
1 of 5
1.0 Features
● Isolated/non-isolated offline120VAC/230VAC LED driver
up to 45W output power
● Wide line frequency range (from 45Hz to 66Hz)
● Meets IEC61000-3-2 Current Harmonic requirement
● Total harmonic distortion < 20% with PF > 0.92
● Wide dimmer compatibility
x
Leading-edge dimmer
x
Trailing-edge dimmer
● Selectable dimming range of 1% to 100% or 10% to
100%
● Resonant control to achieve high efficiency (typical > 82%
without dimmer)
● Over-temperature LED current foldback
● Small solution size
x
Single-stage topology reduces part counts
x
90kHz maximum switching frequency enables the
use of a small transformer
● Primary-side sensing eliminates the need for opto-isolator
feedback
● Tight LED current regulation (± 5%)
● Fast start-up (< 0.5s without dimmer)
● Compatible with NEMA SSL6 dimming curve standard
● Multiple protection features that include:
x
LED open-circuit and short-circuit protection
x
Over-current protection
x
Over-temperature protection
x
Current sensing resistor short-circuit protection
● AC line over-voltage protection
2.0 Description
The iW3600 is a single-stage, high-performance
AC/DC offline power supply controller for
dimmable LED luminaires. It applies advanced
digital control technology to detect the dimmer
type, which provides dynamic impedance to
interface with the dimmer and control the LED
brightness at the same time.
With advanced dimmer detection technology, the iW3600
can operate with most wall dimmers including leading-edge
dimmers (R-type or R-L type) and trailing-edge dimmers (R-C
type). In addition, the iW3600’s cycle-by-cycle waveform
analysis technology allows for fast dimmer setting response.
When no dimmer is on the line, the iW3600 optimizes the
power factor and minimizes the current harmonic distortion
to the AC line. Furthermore, in no dimmer condition, output
current is regulated at nominal output current value over a
wide input voltage range.
The iW3600 operates the main power converter that delivers
current to the LED load in quasi-resonant mode to provide
high power efficiency and minimize electro-magnetic
interference (EMI). The commonly utilized converter
topologies for iW3600 are buck-boost and flyback. It uses
Dialog’s patented PrimAccurateTM primary-side sensing
technology to achieve excellent LED current regulation
under different AC line and LED load voltages, without using
a secondary-side feedback circuit and thus eliminating the
need for an opto-coupler.
The iW3600 minimizes the external components count by
simplifying the EMI filter with Dialog’s EZ-EMI® technology.
The intelligent dimmer detection technology minimizes the
bleeding power loss. Additionally, the digital control loop of
the iW3600 maintains stable overall operating conditions
without the need for loop compensation components.
3.0 Applications
● Dimmable LED retrofit lamps up to 45W
● Dimmable LED luminaires up to 45W


Similar Part No. - IW3600

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW3602 DIALOG-IW3602 Datasheet
1Mb / 19P
   AC/DC Digital Power Controller for Dimmable LED Drivers
logo
Renesas Technology Corp
IW3602 RENESAS-IW3602 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
31-May-2022
logo
Dialog Semiconductor
IW3602-00 DIALOG-IW3602-00 Datasheet
1Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
IW3602-01 DIALOG-IW3602-01 Datasheet
1Mb / 19P
   AC/DC Digital Power Controller for Dimmable LED Drivers
logo
Renesas Technology Corp
IW3602-01 RENESAS-IW3602-01 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
31-May-2022
More results

Similar Description - IW3600

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW3689 DIALOG-IW3689 Datasheet
287Kb / 6P
   AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
IW3616 DIALOG-IW3616 Datasheet
452Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
logo
Renesas Technology Corp
IW3614 RENESAS-IW3614 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
February 02, 2022
logo
Dialog Semiconductor
IW3623 DIALOG-IW3623 Datasheet
514Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
IW3617 DIALOG-IW3617 Datasheet
471Kb / 6P
   AC/DC Digital Power Controller for High Power Factor Dimmable LED Drivers
IW3688 DIALOG-IW3688 Datasheet
384Kb / 6P
   AC/DC Advanced Digital Power Controller for Single-Stage Dimmable LED Drivers
IW3602-00 DIALOG-IW3602-00 Datasheet
1Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
logo
Renesas Technology Corp
IW3602 RENESAS-IW3602 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
31-May-2022
logo
Dialog Semiconductor
IW3602 DIALOG-IW3602 Datasheet
1Mb / 19P
   AC/DC Digital Power Controller for Dimmable LED Drivers
IW3612 DIALOG-IW3612 Datasheet
1Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com