Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T6A6CI Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part No. T6A6CI
Description  Bi-Directional Triode Thyristor 6A Mold TRIAC
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

T6A6CI Datasheet(HTML) 3 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1997. 10. 28
3/3
T6A6CI
Revision No : 2
R.M.S ON-STATE CURRENT I
(A)
T(RMS)
T(RMS)
T(AV)
P
- I
R.M.S ON-STATE CURRENT I
(A)
T(RMS)
T(RMS)
Ta MAX - I
INSTANTANEOUS ON-STATE VOLTAGE
ν (V)
T
TT
NUMBER OF CYCLES AT 60Hz
SURGE ON-STATE CURRENT(60Hz)
TRANSIENT THERMAL IMPEDANCE
T(RMS)
R.M.S ON-STATE CURRENT I
(A)
Tc MAX - I T(RMS)
ι
-
ν
TIME
TIME
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS GATE CURRENT I
(mA)
G
GATE TRIGGER CHARACTERISTIC
10
10
1
0
10
10 -1
12
10
10 3
PEAK GATE
PEAK
GATE
AVE
RA
GE
GA
TE
DIS
SIPA
TIO
N
GATE TRIGGER VOLTAGE
GATE NON TRIGGER VOLTAGE
DISSIPATI
ON
VOLTAGE
1.8
1.4
1.0
0.6
10 0
-1
10
1
10
10 2
2.2
2.6
3.0
T =25 C
j
60
100
120
140
20
0
40
80
3.0
2.5
2.0
0
0.5
1.0
1.5
125
2
10
10 1
0
10
100
0
10
20
30
40
80
70
60
50
90
6
4
2
0
80
40
0
20
140
120
100
60
8
6
4
2
0
8
10
12
14
12
0
10
2
4
6
8
4.0
0
10
-1
3.6
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
10
10
12
10
10
3
(JUNCTION TO CASE)


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn