Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUB75P03-07 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SUB75P03-07
Description  P-Channel 30-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUB75P03-07 Datasheet(HTML) 5 Page - Vishay Siliconix

  SUB75P03-07 Datasheet HTML 1Page - Vishay Siliconix SUB75P03-07 Datasheet HTML 2Page - Vishay Siliconix SUB75P03-07 Datasheet HTML 3Page - Vishay Siliconix SUB75P03-07 Datasheet HTML 4Page - Vishay Siliconix SUB75P03-07 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUP/SUB75P03-07
Vishay Siliconix
Document Number: 71109
S-00821—Rev. B, 24-Apr-00
www.vishay.com
S FaxBack 408-970-5600
2-5
THERMAL RATINGS
0
15
30
45
60
75
90
0
25
50
75
100
125
150
175
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–4
10–3
10–2
10–1
1
10
Maximum Avalanche and Drain Current
vs. Case Temperature
TC – Case Temperature (_C)
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Safe Operating Area
VDS – Drain-to-Source Voltage (V)
1000
1
0.1
1
10
100
Limited
by rDS(on)
0.1
100
1 ms
10
ms
100
ms
TC = 25_C
Single Pulse
100 ms
dc
10 ms
10


Similar Part No. - SUB75P03-07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUB75P03-07 VISHAY-SUB75P03-07 Datasheet
115Kb / 6P
   P-Channel 30-V (D-S) 175 °C MOSFET
Rev. D, 24-Dec-07
SUB75P03-07-E3 VISHAY-SUB75P03-07-E3 Datasheet
115Kb / 6P
   P-Channel 30-V (D-S) 175 °C MOSFET
Rev. D, 24-Dec-07
logo
VBsemi Electronics Co.,...
SUB75P03-07-E3 VBSEMI-SUB75P03-07-E3 Datasheet
864Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com