Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUB75N03-07 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SUB75N03-07
Description  N-Channel 30-V (D-S) 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUB75N03-07 Datasheet(HTML) 2 Page - Vishay Siliconix

  SUB75N03-07 Datasheet HTML 1Page - Vishay Siliconix SUB75N03-07 Datasheet HTML 2Page - Vishay Siliconix SUB75N03-07 Datasheet HTML 3Page - Vishay Siliconix SUB75N03-07 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUP/SUB75N03-07
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 70794
S-000652—Rev. D, 27-Mar-00
MOSFET SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, IDS = 250 mA
1
2
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
ZG
V l
D i C
I
VDS = 30 V, VGS = 0 V
1
A
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V, TJ = 125_C
50
mA
VDS = 30 V, VGS = 0 V, TJ = 175_C
150
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 10 V
120
A
DiS
OS
R
i
a
VGS = 10 V, ID = 30 A
0.006
0.007
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 30 A, TJ = 125_C
0.011
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 30 A, TJ = 175_C
0.015
W
VGS = 4.5 V, ID = 20 A
0.01
Forward Transconductancea
gfs
VDS = 15 V, ID = 30 A
20
S
Dynamicb
Input Capacitance
Ciss
V
0 V V
25 V f
1 MH
5600
F
Output Capacitance
Coss
VGS = 0 V, VDS = 25 V, f = 1 MHz
1100
pF
Reversen Transfer Capacitance
Crss
450
Total Gate Chargec
Qg
V15 V V
10 V I
75 A
70
130
C
Gate-Source Chargec
Qgs
VDS = 15 V, VGS = 10 V, ID = 75 A
18
nC
Gate-Drain Chargec
Qgd
10
Turn-On Delay Timec
td(on)
18
30
Rise Timec
tr
VDD = 15 V, RL = 0.2 W
12
20
ns
Turn-Off Delay Timec
td(off)
DD
,
L
ID ] 75 A, VGEN = 10 V, RG = 2.5 W
60
120
ns
Fall Timec
tf
22
40
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current
Is
75
A
Pulsed Current
ISM
200
A
Forward Voltagea
VSD
IF = 75 A, VGS = 0 V
1.2
1.5
V
Reverse Recovery Time
trr
IF = 75 A, di/dt = 100 A/ms
55
100
ns
Notes:
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
c.
Independent of operating temperature.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SUP70N03-09P N-Channel 30-V D-S 175C MOSFET PWM Optimized 1  2  3  4  Vishay Siliconix
SUD50N03-11 N-Channel 30-V D-S 175C MOSFET 1  2  3  4  Vishay Siliconix
SUD50N03-10AP N-Channel 30-V D-S 175C MOSFET PWM Optimized 1  2  3  4  Vishay Siliconix
SUD70N03-06P N-Channel 30-V D-S 175C MOSFET 1  2  3  4  Vishay Siliconix
SI2306DS N-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI4842DY N-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SUP75N03-07 N-Channel 30-V D-S 175C MOSFET 1  2  3  4  Vishay Siliconix
SI7844DP Dual N-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI7358ADP N-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
AF8958C P & N-Channel 30-V D-S MOSFET 1  2  3  4  Anachip Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn