Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C554DIJ68 Datasheet(PDF) 10 Page - Exar Corporation

Part # ST16C554DIJ68
Description  QUAD UART WITH 16-BYTE FIFOS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554DIJ68 Datasheet(HTML) 10 Page - Exar Corporation

Back Button ST16C554DIJ68 Datasheet HTML 6Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 7Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 8Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 9Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 10Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 11Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 12Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 13Page - Exar Corporation ST16C554DIJ68 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ST16C554/554D/68C554
10
Rev. 3.10
Symbol
Pin
Signal
Pin Description
68
64
type
SYMBOL DESCRIPTION
-RI A-B
8,28
63,19
-RI C-D
42,62
30,50
I
Ring Indicator (active low) - These inputs are associated
with individual UART channels, A through D. A logic 0 on
this pin indicates the modem has received a ringing signal
from the telephone line. A logic 1 transition on this input pin
will generate an interrupt.
-RTS A-B
14,22
5,13
-RTS C-D
48,56
36,44
O
Request to Send (active low) - These outputs are associated
with individual UART channels, A through D. A logic 0 on the
-RTS pin indicates the transmitter has data ready and
waiting to send. Writing a logic 1 in the modem control
register (MCR bit-1) will set this pin to a logic 0 indicating
data is available. After a reset this pin will be set to a logic
1. This pin has no effect on the UART’s transmit or receive
operation.
RX A-B
7,29
62,20
RX C-D
41,63
29,51
I
Receive Data Input RX A-D. - These inputs are associated
with individual serial channel data to the ST16C554D. The
RX signal will be a logic 1 during reset, idle (no data), or
when the transmitter is disabled. During the local loopback
mode, the RX input pin is disabled and TX data is internally
connected to the UART RX Input, internally.
TX A-B
17,19
8,10
TX C-D
51,53
39,41
O
Transmit Data - These outputs are associated with indi-
vidual serial transmit channel data from the 554D. The TX
signal will be a logic 1 during reset, idle (no data), or when
the transmitter is disabled. During the local loopback mode,
the TX input pin is disabled and TX data is internally
connected to the UART RX Input.


Similar Part No. - ST16C554DIJ68

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C554DIJ68 EXAR-ST16C554DIJ68 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIJ68 EXAR-ST16C554DIJ68 Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - ST16C554DIJ68

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
   Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
logo
Oxford Semiconductor
OX16C950 OXFORD-OX16C950 Datasheet
436Kb / 49P
   High Performance UART with 128 byte FIFOs
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550_10 Datasheet
1Mb / 47P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
List of Unclassifed Man...
OX16C954 ETC-OX16C954 Datasheet
529Kb / 54P
   High Performance Quad UART with 128-byte FIFOs Intel / Motorola Bus Interface
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com