Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK25CA8 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. STK25CA8
Description  128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo ETC - List of Unclassifed Manufacturers

STK25CA8 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  STK25CA8 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK25CA8 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STK25CA8
August 1999
6-6
The STK25CA8 is a versatile memory module that
provides two modes of operation. The STK25CA8
can operate as a standard 128K x 8 SRAM. It has a
128K x 8 EEPROM shadow to which the SRAM infor-
mation can be copied, or from which the SRAM can
be updated in nonvolatile mode.
NOISE CONSIDERATIONS
Note that the STK25CA8 is a high-speed memory
and so must have a high frequency bypass capaci-
tor of approximately 0.1
µF connected between V
CC
and V
SS, using leads and traces that are as short as
possible. As with all high-speed CMOS ICs, normal
careful routing of power, ground and signals will help
prevent noise problems.
SRAM READ
The STK25CA8 performs a READ cycle whenever E
and G are low and W is high. The address specified
on pins A
0-16 determines which of the 131,072 data
bytes will be accessed. When the READ is initiated
by an address transition, the outputs will be valid
after a delay of t
AVQV (READ cycle #1). If the READ is
initiated by Eor G, the outputs will be valid at t
ELQV or
at t
GLQV, whichever is later (READ cycle #2). The data
outputs will repeatedly respond to address changes
within the t
AVQV access time without the need for tran-
sitions on any control input pins, and will remain valid
until another address change or until Eor Gis
brought high.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
low. The address inputs must be stable prior to
entering the WRITE cycle and must remain stable
until either Eor W goes high at the end of the cycle.
The data on the common I/O pins DQ
0-7 will be writ-
ten into the memory if it is valid t
DVWH before the end
of a W controlled WRITE or t
DVEH before the end of an
E controlled WRITE.
It is recommended that G be kept high during the
entire WRITE cycle to avoid data bus contention on
the common I/O lines. If G is left low, internal circuitry
will turn off the output buffers t
WLQZ after W goes low.
AutoStore™ OPERATION
The STK25CA8 uses the intrinsic system capaci-
tance to perform an automatic store on power down.
As long as the system power supply takes at least
t
STORE
to decay from V
SWITCH
down to 3.6V the
STK25CA8 will safely and automatically store the
SRAM
data in EEPROM on power down.
In order to prevent unneeded STORE operations,
automatic STOREs will be ignored unless at least
one WRITE operation has taken place since the most
recent STORE or RECALL cycle.
POWER-UP
RECALL
During power up, or after any low-power condition
(V
CC <VRESET), an internal RECALL request will be
latched. When V
CC once again exceeds the sense
voltage of V
SWITCH,a RECALL cycle will automatically
be initiated and will take t
RESTORE to complete.
If the STK25CA8 is in a WRITE state at the end of
power-up RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10K Ohm resistor
should be connected either between W and system
V
CC or between E and system VCC.
HARDWARE PROTECT
The STK25CA8 offers hardware protection against
inadvertent STORE operation and SRAM WRITEs dur-
ing low-voltage conditions. When V
CAP <VSWITCH, all
externally initiated STORE operations and SRAM
WRITE
s are inhibited.
LOW AVERAGE ACTIVE POWER
The STK25CA8 draws significantly less current
when it is cycled at times longer than 50ns. If the
chip enable duty cycle is less than 100%, only
standby current is drawn when the chip is disabled.
The
overall
average
current
drawn
by
the
STK25CA8
depends
on
the
following
items:
1) CMOS vs. TTL input levels; 2) the duty cycle of
chip enable; 3) the overall cycle rate for accesses;
4) the ratio of READsto WRITEs; 5) the operating
temperature; 6) the V
CC level; and 7) I/O loading.
DEVICE OPERATION


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn