Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUWCR7P Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LUWCR7P
Description  OSLON SSL 80
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCR7P Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LUWCR7P_17 Datasheet HTML 5Page - OSRAM GmbH LUWCR7P_17 Datasheet HTML 6Page - OSRAM GmbH LUWCR7P_17 Datasheet HTML 7Page - OSRAM GmbH LUWCR7P_17 Datasheet HTML 8Page - OSRAM GmbH LUWCR7P_17 Datasheet HTML 9Page - OSRAM GmbH LUWCR7P_17 Datasheet HTML 10Page - OSRAM GmbH LUWCR7P_17 Datasheet HTML 11Page - OSRAM GmbH LUWCR7P_17 Datasheet HTML 12Page - OSRAM GmbH LUWCR7P_17 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Version 1.4
LUW CR7P (streetwhite)
2017-12-05
9
Relative Spectral Emission - V(λ) = Standard eye response curve 4) page 23
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 4) Seite 23
Φrel = f (λ); TJ = 25 °C; IF = 350 mA
Radiation Characteristics 4) page 23
Abstrahlcharakteristik 4) Seite 23
Irel = f (ϕ); TJ = 25 °C
OHL06126
350
400
450
500
550
600
650
700
750
800
0.0
0.2
0.4
0.6
0.8
1.0
λ (nm)
:
: V
(white)
Φrel
λ
Φ
rel
OHL06000
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
0.0
0.2
0.4
0.6
0.8
1.0
Irel
Θ
:
Irel
ϕ = 0°, 90°
at


Similar Part No. - LUWCR7P_17

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCR7P-LSLU-MMMW-1 OSRAM-LUWCR7P-LSLU-MMMW-1 Datasheet
3Mb / 24P
   Industrial lighting
LUWCR7P-LTMP-MCML-1 OSRAM-LUWCR7P-LTMP-MCML-1 Datasheet
3Mb / 24P
   Industrial lighting
LUWCR7P-LTMP-MMMW-1 OSRAM-LUWCR7P-LTMP-MMMW-1 Datasheet
3Mb / 24P
   Industrial lighting
More results

Similar Description - LUWCR7P_17

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GTCS8PM1.13 OSRAM-GTCS8PM1.13 Datasheet
1Mb / 22P
   OSLON SSL 80
GHCS8PM1.24 OSRAM-GHCS8PM1.24 Datasheet
1Mb / 22P
   OSLON SSL 80
GACS8PM1.23 OSRAM-GACS8PM1.23 Datasheet
1Mb / 22P
   OSLON SSL 80
GFCS8PM2.24 OSRAM-GFCS8PM2.24 Datasheet
1Mb / 22P
   OSLON SSL 80
LUWCRDP OSRAM-LUWCRDP Datasheet
2Mb / 24P
   OSLON SSL 150
GFCSHPM2.24 OSRAM-GFCSHPM2.24 Datasheet
1Mb / 22P
   OSLON SSL 150
GHCSHPM1.24 OSRAM-GHCSHPM1.24 Datasheet
1Mb / 22P
   OSLON SSL 150
GDCSHPM1.14 OSRAM-GDCSHPM1.14 Datasheet
1Mb / 22P
   OSLON SSL 150
GACSHPM1.23 OSRAM-GACSHPM1.23 Datasheet
1Mb / 22P
   OSLON SSL 150
GACSSPM1.23 OSRAM-GACSSPM1.23 Datasheet
1Mb / 22P
   OSLON SSL 120
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com