Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUWCQAR Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LUWCQAR
Description  Industrial lighting
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCQAR Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LUWCQAR Datasheet HTML 3Page - OSRAM GmbH LUWCQAR Datasheet HTML 4Page - OSRAM GmbH LUWCQAR Datasheet HTML 5Page - OSRAM GmbH LUWCQAR Datasheet HTML 6Page - OSRAM GmbH LUWCQAR Datasheet HTML 7Page - OSRAM GmbH LUWCQAR Datasheet HTML 8Page - OSRAM GmbH LUWCQAR Datasheet HTML 9Page - OSRAM GmbH LUWCQAR Datasheet HTML 10Page - OSRAM GmbH LUWCQAR Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Version 1.6
LUW CQAR (streetwhite)
2017-10-27
7
Color Chromaticity Groups
Farbortgruppen
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
HP
0.3074
0.3114
JP
0.3173
0.3315
0.3092
0.3023
0.3184
0.3211
0.3173
0.3315
0.3297
0.3564
0.3184
0.3211
0.3298
0.3444
HQ
0.3051
0.3226
JQ
0.3160
0.3440
0.3074
0.3114
0.3173
0.3315
0.3160
0.3440
0.3296
0.3704
0.3173
0.3315
0.3297
0.3564
HR
0.3037
0.3295
JR
0.3152
0.3520
0.3051
0.3226
0.3160
0.3440
0.3152
0.3520
0.3295
0.3799
0.3160
0.3440
0.3296
0.3704
5) Seite 23
5) page 23


Similar Part No. - LUWCQAR

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCQAR-NQNS-MCML-1 OSRAM-LUWCQAR-NQNS-MCML-1 Datasheet
2Mb / 24P
   Industrial lighting
LUWCQAR-NRNT-MMMW-1 OSRAM-LUWCQAR-NRNT-MMMW-1 Datasheet
2Mb / 24P
   Industrial lighting
LUWCQAR OSRAM-LUWCQAR_18 Datasheet
2Mb / 24P
   Industrial lighting
More results

Similar Description - LUWCQAR

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCSSRM2.PM OSRAM-GWCSSRM2.PM Datasheet
2Mb / 25P
   Industrial lighting
LUWCR7P OSRAM-LUWCR7P Datasheet
3Mb / 24P
   Industrial lighting
GWCSSRM1.PC OSRAM-GWCSSRM1.PC Datasheet
1Mb / 26P
   Industrial lighting
LUWCQAR OSRAM-LUWCQAR_18 Datasheet
2Mb / 24P
   Industrial lighting
logo
National Semiconductor ...
LM3444-230VAC NSC-LM3444-230VAC Datasheet
2Mb / 18P
   8W Isolated Flyback LED Driver Industrial and Commercial Lighting
LM3444 NSC-LM3444 Datasheet
3Mb / 14P
   120VAC, 8W Isolated Flyback LED Driver Industrial and Commercial Lighting
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com