Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD841SQ/883B Datasheet(PDF) 10 Page - Analog Devices

Part # AD841SQ/883B
Description  Wideband, Unity-Gain Stable, Fast Settling Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD841SQ/883B Datasheet(HTML) 10 Page - Analog Devices

Back Button AD841SQ/883B Datasheet HTML 6Page - Analog Devices AD841SQ/883B Datasheet HTML 7Page - Analog Devices AD841SQ/883B Datasheet HTML 8Page - Analog Devices AD841SQ/883B Datasheet HTML 9Page - Analog Devices AD841SQ/883B Datasheet HTML 10Page - Analog Devices AD841SQ/883B Datasheet HTML 11Page - Analog Devices AD841SQ/883B Datasheet HTML 12Page - Analog Devices AD841SQ/883B Datasheet HTML 13Page - Analog Devices AD841SQ/883B Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
AD841
Rev. C | Page 9 of 16
Figure 22. Inverting Amplifier Configuration (PDIP Pinout)
Figure 23. Inverter Large Signal Pulse Response
Figure 24. Inverter Small Signal Pulse Response
Figure 25. Unity-Gain Buffer Amplifier Configuration (PDIP Pinout)
Figure 26. Buffer Large Signal Pulse Response
Figure 27. Buffer Small Signal Pulse Response
11
6
4
5
10
+
AD841
+VS
–VS
2.2µF
0.1µF
2.2µF
0.1µF
VOUT
499Ω
49.9Ω
RB
499Ω
RF
1kΩ
RIN
1kΩ
HP3314A
FUNCTION
GENERATOR
OR
EQUIVALENT
100
90
10
0%
2V
50ns
100
90
10
0%
50mV
50ns
49.9Ω
RIN
100Ω
HP3314A
FUNCTION
GENERATOR
OR
EQUIVALENT
VIN
11
6
4
5
10
+
AD841
+VS
–VS
2.2µF
0.1µF
2.2µF
0.1µF
VOUT
499Ω
RB
120Ω
100
90
10
0%
2V
50ns
100
90
10
0%
50mV
50ns


Similar Part No. - AD841SQ/883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD841SQ/883B AD-AD841SQ/883B Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
More results

Similar Description - AD841SQ/883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
logo
Intersil Corporation
HA-2541883 INTERSIL-HA-2541883 Datasheet
40Kb / 5P
   Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2841 INTERSIL-HA-2841 Datasheet
272Kb / 13P
   Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
July 1994
logo
National Semiconductor ...
CLC401 NSC-CLC401 Datasheet
388Kb / 6P
   Fast Settling, Wideband High-Gain Monolithic Op Amp
CLC400 NSC-CLC400 Datasheet
392Kb / 6P
   Fast Settling, Wideband Low-Gain Monolithic Op Amp
logo
Texas Instruments
CLC401 TI1-CLC401 Datasheet
448Kb / 12P
[Old version datasheet]   Fast Settling, Wideband High Gain Monolithic Op Amp
CLC400 TI1-CLC400 Datasheet
507Kb / 11P
[Old version datasheet]   Fast Settling, Wideband Low Gain Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com