Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8001AR-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8001AR-REEL7
Description  Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8001AR-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD8001AR-REEL7 Datasheet HTML 1Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 2Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
REV. D
AD8001
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Internal Power Dissipation @ 25
°C2
PDIP Package (N) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 W
SOIC (R) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8 W
8-Lead CERDIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 W
SOT-23-5 Package (RT) . . . . . . . . . . . . . . . . . . . . . . . 0.5 W
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±1.2 V
Output Short Circuit Duration
.. . . . . . . . . . . . . . . . . . . . .Observe Power Derating Curves
Storage Temperature Range N, R . . . . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . – 40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead PDIP Package:
θ
JA = 90
°C/W
8-Lead SOIC Package:
θ
JA = 155
°C/W
8-Lead CERDIP Package:
θ
JA = 110
°C/W
5-Lead SOT-23-5 Package:
θ
JA = 260
°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8001 is limited by the associated rise in junction tempera-
ture. The maximum safe junction temperature for plastic
encapsulated devices is determined by the glass transition tem-
perature of the plastic, approximately 150
°C. Exceeding this
limit temporarily may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of 175
°C for an extended
period can result in device failure.
While the AD8001 is internally short circuit protected, this
may not be sufficient to guarantee that the maximum junction
temperature (150
°C) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the maximum
power derating curves.
2.0
0
–50
80
1.5
0.5
–40
1.0
010
–10
–20
–30
20
30
40
50
60
70
90
AMBIENT TEMPERATURE – C
8-LEAD
PDIP PACKAGE
TJ = +150 C
5-LEAD
SOT-23-5 PACKAGE
8-LEAD
SOIC PACKAGE
8-LEAD
CERDIP PACKAGE
Figure 3. Plot of Maximum Power Dissipation vs.
Temperature
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8001 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
Branding
AD8001AN
–40
°C to +85°C
8-Lead PDIP
N-8
AD8001AQ
–55
°C to +125°C
8-Lead CERDIP
Q-8
AD8001AR
–40
°C to +85°C
8-Lead SOIC
R-8
AD8001AR-REEL
–40
°C to +85°C
13" Tape and REEL
R-8
AD8001AR-REEL7
–40
°C to +85°C
7" Tape and REEL
R-8
AD8001ART-REEL
–40
°C to +85°C
13" Tape and REEL
RT-5
HEA
AD8001ART-REEL7
–40
°C to +85°C
7" Tape and REEL
RT-5
HEA
AD8001ACHIPS
–40
°C to +85°CDie Form
5962-9459301MPA
*
–55
°C to +125°C
8-Lead CERDIP
Q-8
*Standard Military Drawing Device.


Similar Part No. - AD8001AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001AR-REEL7 AD-AD8001AR-REEL7 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001AR-REEL7 AD-AD8001AR-REEL7 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001AR-REEL7 AD-AD8001AR-REEL7 Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results

Similar Description - AD8001AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Elantec Semiconductor
EL5192C ELANTEC-EL5192C Datasheet
372Kb / 17P
   600MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2071 INTERSIL-EL2071 Datasheet
405Kb / 11P
   150MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com