Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD790SQ Datasheet(PDF) 10 Page - Analog Devices

Part # AD790SQ
Description  Fast, Precision Fast, Precision
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD790SQ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD790SQ Datasheet HTML 3Page - Analog Devices AD790SQ Datasheet HTML 4Page - Analog Devices AD790SQ Datasheet HTML 5Page - Analog Devices AD790SQ Datasheet HTML 6Page - Analog Devices AD790SQ Datasheet HTML 7Page - Analog Devices AD790SQ Datasheet HTML 8Page - Analog Devices AD790SQ Datasheet HTML 9Page - Analog Devices AD790SQ Datasheet HTML 10Page - Analog Devices AD790SQ Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AD790
Rev. E | Page 9
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-001
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
SEATING
PLANE
0.015
(0.38)
MIN
0.210 (5.33)
MAX
0.150 (3.81)
0.130 (3.30)
0.115 (2.92)
0.070 (1.78)
0.060 (1.52)
0.045 (1.14)
8
1
4
5
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.100 (2.54)
BSC
0.400 (10.16)
0.365 (9.27)
0.355 (9.02)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
0.015 (0.38)
GAUGE
PLANE
0.005 (0.13)
MIN
Figure 12. 8-Lead Plastic Dual In-Line Package [PDIP] Narrow Body
(N-8)
Dimensions shown in inches and (millimeters)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
0.310 (7.87)
0.220 (5.59)
0.005 (0.13)
MIN
0.055 (1.40)
MAX
0.100 (2.54) BSC
15°
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
SEATING
PLANE
0.200 (5.08)
MAX
0.405 (10.29) MAX
0.150 (3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
14
5
8
Figure 13. 8-Lead Ceramic Dual In-Line Package [CERDIP]
(Q-8)
Dimensions shown in inches and (millimeters)


Similar Part No. - AD790SQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD790SQ AD-AD790SQ Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
AD790SQ AD-AD790SQ Datasheet
173Kb / 12P
   Fast, Precision Comparator
REV. D
AD790SQ AD-AD790SQ Datasheet
158Kb / 12P
   Fast, Precision Comparator
REV. D
AD790SQ/883B AD-AD790SQ/883B Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
More results

Similar Description - AD790SQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD790 AD-AD790_02 Datasheet
173Kb / 12P
   Fast, Precision Comparator
REV. D
AD790 AD-AD790 Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
AD790JNZ AD-AD790JNZ Datasheet
158Kb / 12P
   Fast, Precision Comparator
REV. D
AD790 AD-AD790_15 Datasheet
316Kb / 10P
   Fast, Precision Comparator
Rev. E
AD790JRZ AD-AD790JRZ Datasheet
179Kb / 12P
   Fast, Precision Comparator
REV. D
logo
Linear Technology
LT1016 LINER-LT1016 Datasheet
911Kb / 20P
   Ultra Fast Precision Comparator
logo
Maxim Integrated Produc...
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
logo
Bourns Electronic Solut...
SF-2410FP-T BOURNS-SF-2410FP-T Datasheet
609Kb / 9P
   Fast Acting Precision SMD Fuses
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
   Fast Acting Precision Surface Mount Fuses
logo
Texas Instruments
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com