Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD524AR-16 Datasheet(PDF) 9 Page - Analog Devices

Part # AD524AR-16
Description  Precision Instrumentation Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD524AR-16 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD524AR-16 Datasheet HTML 5Page - Analog Devices AD524AR-16 Datasheet HTML 6Page - Analog Devices AD524AR-16 Datasheet HTML 7Page - Analog Devices AD524AR-16 Datasheet HTML 8Page - Analog Devices AD524AR-16 Datasheet HTML 9Page - Analog Devices AD524AR-16 Datasheet HTML 10Page - Analog Devices AD524AR-16 Datasheet HTML 11Page - Analog Devices AD524AR-16 Datasheet HTML 12Page - Analog Devices AD524AR-16 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Data Sheet
AD524
Rev. G | Page 9 of 25
TYPICAL PERFORMANCE CHARACTERISTICS
20
15
10
5
0
0
5
10
15
20
SUPPLY VOLTAGE (±V)
+25°C
Figure 5. Input Voltage Range vs. Supply Voltage, G = 1
20
15
10
5
0
0
5
10
15
20
SUPPLY VOLTAGE (±V)
Figure 6. Output Voltage Swing vs. Supply Voltage
30
20
10
0
10
100
1k
10k
LOAD RESISTANCE (Ω)
Figure 7. Output Voltage Swing vs. Load Resistance
8
6
4
2
0
0
5
10
15
20
SUPPLY VOLTAGE (±V)
Figure 8. Quiescent Current vs. Supply Voltage
16
12
8
4
14
10
6
2
0
0
5
10
15
20
SUPPLY VOLTAGE (±V)
Figure 9. Input Bias Current vs. Supply Voltage
40
20
0
–20
30
10
–10
–30
–40
–75
–25
25
75
125
TEMPERATURE (°C)
Figure 10. Input Bias Current vs. Temperature


Similar Part No. - AD524AR-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD524AR-16 AD-AD524AR-16 Datasheet
392Kb / 16P
   Precision Instrumentation Amplifier
REV. E
AD524AR-16 AD-AD524AR-16 Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524AR-16 AD-AD524AR-16 Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524AR-16 AD-AD524AR-16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD524AR-16-REEL AD-AD524AR-16-REEL Datasheet
392Kb / 16P
   Precision Instrumentation Amplifier
REV. E
More results

Similar Description - AD524AR-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com