Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD549 Datasheet(PDF) 5 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 5 Page - Analog Devices

  AD549_17 Datasheet HTML 1Page - Analog Devices AD549_17 Datasheet HTML 2Page - Analog Devices AD549_17 Datasheet HTML 3Page - Analog Devices AD549_17 Datasheet HTML 4Page - Analog Devices AD549_17 Datasheet HTML 5Page - Analog Devices AD549_17 Datasheet HTML 6Page - Analog Devices AD549_17 Datasheet HTML 7Page - Analog Devices AD549_17 Datasheet HTML 8Page - Analog Devices AD549_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AD549
Data Sheet
Rev. K | Page 4 of 18
AD549J
AD549K
AD549L
AD549S
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
FREQUENCY RESPONSE
Unity Gain, Small Signal
0.7
1.0
0.7
1.0
0.7
1.0
0.7
1.0
MHz
Full Power Response
50
50
50
50
kHz
Slew Rate
2
3
2
3
2
3
2
3
V/μs
Settling Time, 0.1%
4.5
4.5
4.5
4.5
μs
Settling Time, 0.01%
5
5
5
5
μs
Overload Recovery, 50%
Overdrive, G = −1
2
2
2
2
μs
POWER SUPPLY
Rated Performance
±15
±15
±15
±15
V
Operating
±5
±18
±5
±18
±5
±18
±5
±18
V
Quiescent Current
0.60
0.70
0.60
0.70
0.60
0.70
0.60
0.70
mA
TEMPERATURE RANGE
Operating, Rated
Performance
0
70
0
70
0
70
−55
+125
°C
Storage
−65
+150
−65
+150
−65
+150
−65
+150
°C
1 Bias current specifications are guaranteed after five minutes of operation at TA = 25°C. Bias current increases by a factor of 2.3 for every 10°C rise in temperature.
2 Input offset voltage specifications are guaranteed after five minutes of operation at TA = 25°C.
3 Defined as maximum continuous voltage between the inputs, such that neither input exceeds ±10 V from ground.


Similar Part No. - AD549_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD549J AD-AD549J Datasheet
418Kb / 12P
   Ultralow Input Bias Current Operational Amplifier
REV. A
AD549JCHIPS AD-AD549JCHIPS Datasheet
418Kb / 12P
   Ultralow Input Bias Current Operational Amplifier
REV. A
AD549JH AD-AD549JH Datasheet
418Kb / 12P
   Ultralow Input Bias Current Operational Amplifier
REV. A
AD549JH AD-AD549JH Datasheet
1Mb / 20P
   Ultralow Input Bias Current Operational Amplifier
Rev. H
AD549JHZ AD-AD549JHZ Datasheet
1Mb / 20P
   Ultralow Input Bias Current Operational Amplifier
Rev. H
More results

Similar Description - AD549_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD549 AD-AD549_08 Datasheet
1Mb / 20P
   Ultralow Input Bias Current Operational Amplifier
Rev. H
AD549 AD-AD549 Datasheet
418Kb / 12P
   Ultralow Input Bias Current Operational Amplifier
REV. A
logo
List of Unclassifed Man...
HT1104Z ETC1-HT1104Z Datasheet
27Kb / 2P
   HIGH TEMPERATURE QUAD ULTRALOW INPUT BIAS CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
   DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
REV. B
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Analog Devices
OP297 AD-OP297_06 Datasheet
323Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. F
OP297 AD-OP297_03 Datasheet
266Kb / 12P
   Dual Low Bias Current Precision Operational Amplifier
REV. E
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP297 AD-OP297_15 Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
OP297 AD-OP297 Datasheet
191Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com