Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA9214 Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # DA9214
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9214 Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button DA9214 Datasheet HTML 6Page - Dialog Semiconductor DA9214 Datasheet HTML 7Page - Dialog Semiconductor DA9214 Datasheet HTML 8Page - Dialog Semiconductor DA9214 Datasheet HTML 9Page - Dialog Semiconductor DA9214 Datasheet HTML 10Page - Dialog Semiconductor DA9214 Datasheet HTML 11Page - Dialog Semiconductor DA9214 Datasheet HTML 12Page - Dialog Semiconductor DA9214 Datasheet HTML 13Page - Dialog Semiconductor DA9214 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
10 of 62
© 2017 Dialog Semiconductor
Pin Name
Signal
Name
Second
Function
Type
(Table 2)
Description
C1, C2, C3, C4,
D1, D2, D3, D4,
C8, C9, C10,
C11,
D8, D9, D10, D11
VSS_A1,
VSS_A2
VSS_B1
VSS_B2
VSS
Connect together
Table 2: Pin Type Definition
Pin Type
Description
Pin Type
Description
DI
Digital Input
AI
Analogue Input
DO
Digital Output
AO
Analogue Output
DIO
Digital Input/Output
AIO
Analogue Input/Output
PS
Power Supply
VSS
Ground


Similar Part No. - DA9214

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9214 RENESAS-DA9214 Datasheet
1Mb / 63P
   Multi-Phase 5A/Phase DC-DC Buck Converter
10-Feb-2022
logo
Dialog Semiconductor
DA9214-A DIALOG-DA9214-A Datasheet
1Mb / 62P
   Auto Grade Multi-Phase 5A/Phase Buck Converter
logo
Renesas Technology Corp
DA9214-A RENESAS-DA9214-A Datasheet
1Mb / 68P
   Auto Grade Multi-Phase 5A/Phase Buck Converter
16-Feb-2022
DA9214-XXFS1BB RENESAS-DA9214-XXFS1BB Datasheet
1Mb / 63P
   Multi-Phase 5A/Phase DC-DC Buck Converter
10-Feb-2022
DA9214-XXFS2BB RENESAS-DA9214-XXFS2BB Datasheet
1Mb / 63P
   Multi-Phase 5A/Phase DC-DC Buck Converter
10-Feb-2022
More results

Similar Description - DA9214

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9213 RENESAS-DA9213 Datasheet
1Mb / 63P
   Multi-Phase 5A/Phase DC-DC Buck Converter
10-Feb-2022
logo
Dialog Semiconductor
DA9210 DIALOG-DA9210 Datasheet
3Mb / 90P
   Multi-Phase 12 A DC-DC Buck Converter
DA9213-A DIALOG-DA9213-A Datasheet
1Mb / 62P
   Auto Grade Multi-Phase 5A/Phase Buck Converter
logo
Renesas Technology Corp
DA9213-A RENESAS-DA9213-A Datasheet
1Mb / 68P
   Auto Grade Multi-Phase 5A/Phase Buck Converter
16-Feb-2022
logo
Dialog Semiconductor
DA9210 DIALOG-DA9210_16 Datasheet
2Mb / 92P
   DA9210 Multi-Phase 12 A DC-DC Buck Converter
logo
Renesas Technology Corp
DA9210 RENESAS-DA9210 Datasheet
2Mb / 98P
   DA9210 Multi-Phase 12 A DC-DC Buck Converter
28-Feb-2022
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
   5A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com