Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA9213-A Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA9213-A
Description  Auto Grade Multi-Phase 5A/Phase Buck Converter
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213-A Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA9213-A Datasheet HTML 1Page - Dialog Semiconductor DA9213-A Datasheet HTML 2Page - Dialog Semiconductor DA9213-A Datasheet HTML 3Page - Dialog Semiconductor DA9213-A Datasheet HTML 4Page - Dialog Semiconductor DA9213-A Datasheet HTML 5Page - Dialog Semiconductor DA9213-A Datasheet HTML 6Page - Dialog Semiconductor DA9213-A Datasheet HTML 7Page - Dialog Semiconductor DA9213-A Datasheet HTML 8Page - Dialog Semiconductor DA9213-A Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
DA9213-A and DA9214-A
Auto Grade Multi-Phase 5A/Phase Buck Converter
Datasheet
Revision 1.4
08-May-2017
CFR0011-120-00
4 of 62
© 2017 Dialog Semiconductor
8.2.2.1
System Control and Event ............................................................... 42
8.2.2.2
GPIO Control ................................................................................... 44
8.2.2.3
Regulators Control........................................................................... 46
8.2.3
Register Page 1 ................................................................................................... 47
8.2.3.1
Regulators Settings ......................................................................... 47
8.2.4
Register Page 2 ................................................................................................... 52
8.2.4.1
Interface and OTP Settings (shared with DA9063) ......................... 52
8.2.4.2
OTP Fusing Registers ..................................................................... 53
8.2.4.3
Application Configuration Settings................................................... 54
9
Application Information .............................................................................................................. 57
9.1
Capacitor Selection ............................................................................................................. 57
9.2
Inductor Selection ............................................................................................................... 58
10 Package Information ................................................................................................................... 59
10.1 Package Outlines ................................................................................................................ 59
11 Ordering Information .................................................................................................................. 60
Revision History ................................................................................................................................ 61


Similar Part No. - DA9213-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9213-A RENESAS-DA9213-A Datasheet
1Mb / 68P
   Auto Grade Multi-Phase 5A/Phase Buck Converter
16-Feb-2022
More results

Similar Description - DA9213-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9213-A RENESAS-DA9213-A Datasheet
1Mb / 68P
   Auto Grade Multi-Phase 5A/Phase Buck Converter
16-Feb-2022
logo
Dialog Semiconductor
DA9213 DIALOG-DA9213 Datasheet
1Mb / 62P
   Multi-Phase 5A/Phase DC-DC Buck Converter
logo
Renesas Technology Corp
DA9213 RENESAS-DA9213 Datasheet
1Mb / 63P
   Multi-Phase 5A/Phase DC-DC Buck Converter
10-Feb-2022
logo
Dialog Semiconductor
DA9223-A DIALOG-DA9223-A Datasheet
1Mb / 60P
   Auto Grade 0.8 mm Pitch Multi-Phase Buck Converter
logo
Renesas Technology Corp
DA9223-A RENESAS-DA9223-A Datasheet
1Mb / 64P
   Auto Grade 0.8 mm Pitch Multi-Phase Buck Converter
09-Feb-2022
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
   Multi-Phase Interleaved Buck Converter
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
NCP4206 ONSEMI-NCP4206 Datasheet
312Kb / 32P
   Digital Programmable Multi-Phase Synchronous Buck Converter
September, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com