Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O917A132TRGZRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # O917A132TRGZRQ1
Description  Power Management Unit (PMU) for Processor
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

O917A132TRGZRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button O917A132TRGZRQ1 Datasheet HTML 4Page - Texas Instruments O917A132TRGZRQ1 Datasheet HTML 5Page - Texas Instruments O917A132TRGZRQ1 Datasheet HTML 6Page - Texas Instruments O917A132TRGZRQ1 Datasheet HTML 7Page - Texas Instruments O917A132TRGZRQ1 Datasheet HTML 8Page - Texas Instruments O917A132TRGZRQ1 Datasheet HTML 9Page - Texas Instruments O917A132TRGZRQ1 Datasheet HTML 10Page - Texas Instruments O917A132TRGZRQ1 Datasheet HTML 11Page - Texas Instruments O917A132TRGZRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
8
TPS65917-Q1
SLVSCO4C – JULY 2015 – REVISED MARCH 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65917-Q1
Pin Configuration and Functions
Copyright © 2015–2017, Texas Instruments Incorporated
Pin Attributes (continued)
PIN
I/O
DESCRIPTION
CONNECTION
IF NOT USED
PU/PD(1)
NAME
NO.
GPIO_3
14
I/O
Primary function: General-purpose input(2) and output
Floating
PPD
O
Secondary function: REGEN1 which is the external regulator
enable output 1
Floating
I
Secondary function: ENABLE2 which is the peripheral power
request input 2
PPD(2)
I
Secondary function: SYNCDCDC which is the synchronization
signal for SMPS switching
Floating
PPD(2)
GPIO_4
1
I/O
Primary function: General-purpose input(2) and output
Floating
PPU
PPD
O
Secondary function: REGEN2 which is the external regulator
enable output 2
Floating
I
Secondary function: I2C2_SCL_SCE which is the DVS I2C
serial clock (external pullup) and the SPI chip enable signal
Floating
GPIO_5
15
I/O
Primary function: General-purpose input(2) and output
Ground
PPD
I
Secondary function: POWERHOLD input
Ground or VIO
PPD
O
Secondary function: REGEN3 which is the external regulator
enable output 3
Floating
GPIO_6
27
I/O
Primary function: General-purpose input(2) and output
Ground
PPD
I
Secondary function: NSLEEP request signal
Floating
PPU(2)
PPD
O
Secondary function: POWERGOOD which is the indication
signal for valid regulator output voltages
Floating
O
Secondary function: REGEN3 which is the external regulator
enable output 3
Floating
I2C1_SCL_SCK
35
I
Control I2C serial clock (external pullup) and SPI clock signal
I2C1_SDA_SDI
36
I/O
Control I2C serial bidirectional data (external pullup) and SPI
input data signal
INT
26
O
Maskable interrupt output request to the host processor
PWRON
24
I
External power-on event (on-button switch-on event)
Floating
PU
RESET_OUT
25
O
System reset or power on output (low = reset, high = active or
sleep)
Floating
PROGRAMMING, TESTING
VPROG
20
I
Primary function: OTP programming voltage
Ground or
floating
O
Secondary function: TESTV
Floating
POWER SUPPLIES
VCCA
42
I
Analog input voltage for internal LDOs
System supply
VCC_SENSE
37
I
System supply sense line
System supply
VIO_IN
34
I
Digital supply input for GPIOs and I/O supply voltage
N/A


Similar Part No. - O917A132TRGZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
O917A132TRGZRQ1 TI1-O917A132TRGZRQ1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
O917A132TRGZRQ1 TI1-O917A132TRGZRQ1 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
O917A132TRGZRQ1 TI1-O917A132TRGZRQ1 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
O917A132TRGZRQ1 TI1-O917A132TRGZRQ1 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
O917A132TRGZRQ1 TI-O917A132TRGZRQ1 Datasheet
2Mb / 93P
[Old version datasheet]   TPS65917-Q1 Power Management Unit (PMU) for Processor
FEBRUARY 2019
More results

Similar Description - O917A132TRGZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1_18 Datasheet
2Mb / 109P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS65917-Q1 TI-TPS65917-Q1_V01 Datasheet
2Mb / 93P
[Old version datasheet]   TPS65917-Q1 Power Management Unit (PMU) for Processor
FEBRUARY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com