Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA9063L Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # DA9063L
Description  System PMIC for Mobile and Automotive Applications
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063L Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button DA9063L Datasheet HTML 15Page - Dialog Semiconductor DA9063L Datasheet HTML 16Page - Dialog Semiconductor DA9063L Datasheet HTML 17Page - Dialog Semiconductor DA9063L Datasheet HTML 18Page - Dialog Semiconductor DA9063L Datasheet HTML 19Page - Dialog Semiconductor DA9063L Datasheet HTML 20Page - Dialog Semiconductor DA9063L Datasheet HTML 21Page - Dialog Semiconductor DA9063L Datasheet HTML 22Page - Dialog Semiconductor DA9063L Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 173 page
background image
DA9063L
System PMIC for Mobile and Automotive Applications
Datasheet
DA9063L_2v1
05-Apr-2017
CFR0011-120-00
19 of 173
© 2017 Dialog Semiconductor
5.3
Typical Current Consumption
Table 8: Typical Current Consumption
Operating Mode
Conditions (Note 1)
Battery
Unit
NO-POWER mode (POR)
2.4 V > VDDREF > 1.5 V
16
µA
DELIVERY mode
VDDREF > 1.5 V
1.8
µA
RESET mode
VDDREF > 2.2 V, supplies off (except
LDOCORE), pulsed mode
18
µA
LOW-POWER mode
VSYS > VDD_FAULT_LOWER, supplies
off (except LDOCORE), all blocks in
POWERDOWN mode, pulsed mode with
limited parametric compliance
12
µA
POWERDOWN mode (Hibernate)
VSYS > VDD_FAULT_LOWER, supplies
off (except LDOCORE), all blocks in
POWERDOWN mode
28
µA
POWERDOWN mode (Standby)
BUCKCORE, LDOCORE, and LD03, 8, 11
enabled, GPIO unit on (Note 2)
60
µA
ACTIVE mode
All supplies, GPIO, and GPADC off
200
µA
ACTIVE mode
All supplies, GPIO, and GPADC on
390
µA
Note 1
nONKEY/CHG_WAKE/VDDREF detection circuit is enabled in all modes.
Note 2
Regulators are running in sleep mode.
5.4
Digital I/O Characteristics
Table 9: Digital I/O Electrical Characteristics, TJ = -40 ºC to +125 ºC
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
GPI0 to GPI15, CLK,
DATA, nOFF,
nSHUTDOWN
SYS_EN, PWR_EN,
PWR1_EN
Input High Voltage
VIH
VDDCORE mode
1.0
VSYS
V
VDD_IO2 mode
0.7*VDD_IO2
VSYS
GPI0 to GPI15, CLK,
DATA, nOFF,
nSHUTDOWN
SYS_EN, PWR_EN,
PWR1_EN
Input Low Voltage
VIL
VDDCORE mode
-0.3
0.4
V
VDD_IO2 mode
-0.3
0.3*VDD_IO2
nONKEY, CHG_WAKE
Input High Voltage
VIH
1.0
VSYS
V
nONKEY, CHG_WAKE
Input Low Voltage
VIL
-0.3
0.4
V
GPO0 to GPO15,
nVDD_FAULT, nRESET,
nIRQ, E_GPI_2,
COMP1V2
Output High Voltage
VOH = 1 mA
VDD_IOx ≥
1.5 V
VDD_IO1 mode
0.8*VDD_IO1
V
VDD_IO2 mode
0.8*VDD_IO2


Similar Part No. - DA9063L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
More results

Similar Description - DA9063L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063_17 Datasheet
2Mb / 219P
   System PMIC for Mobile Application Processors
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
   System Power Management IC (PMIC) for applications
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
   SMBus System Clock Buffer for Mobile Applications
logo
SpectraLinear Inc
SC660E SPECTRALINEAR-SC660E Datasheet
70Kb / 5P
   SMBus System Clock Buffer for Mobile Applications
logo
Rohm
BD86852MUF-C ROHM-BD86852MUF-C Datasheet
2Mb / 46P
   PMIC for Automotive Camera
logo
Richtek Technology Corp...
RTQ2071-QA RICHTEK-RTQ2071-QA Datasheet
1Mb / 31P
   Automotive CIS/CCM PMIC for Ultra Compact Camera and High Image Quality System
July 2023
logo
Texas Instruments
TPS99110-Q1 TI1-TPS99110-Q1_17 Datasheet
1Mb / 67P
[Old version datasheet]   System-Basis Chip for Automotive Applications
TPS99110-Q1 TI1-TPS99110-Q1 Datasheet
863Kb / 63P
[Old version datasheet]   System-Basis Chip for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com